Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N6320D Datasheet (PDF) - Microsemi Corporation

1N6320D Datasheet PDF - Microsemi Corporation
Part # 1N6320D
Download  1N6320D Download
File Size   481.36 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES

1N6320D Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6320D Datasheet PDF - Microsemi Corporation

Part # 1N6320D
Download  1N6320D Click to download

File Size   481.36 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES

1N6320D Datasheet (HTML) - Microsemi Corporation


1N6320D Product details

DESCRIPTION
This Zener voltage regulator series is military qualified and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 0.5 watt Zener voltage regulators are hermetically sealed with voidless-glass construction using an internal metallurgical bond. It includes Zener selections from 2.4 to 200 volts in standard 5% tolerances as well as 1% and 2% tolerances. They are also available in surface-mount packages. Microsemi also offers numerous other Zener products to meet higher and lower power ratings in both thru-hole and surface mount packages.

FEATURES
• JEDEC registered 1N6309 thru 1N6355 series.
• Voltage tolerances of 1%, 2% and 5% are available. (See part nomenclature.)
• Voidless hermetically sealed glass package.
• Internal “Category 1” metallurgical bonds for 1N6321 thru 1N6355 and “Category III” for 1N6309 thru 1N6320.
• JAN, JANTX, JANTXV, and JANS reliability levels are available per MIL-PRF-19500/533.
• RoHS compliant versions available (commercial grade only).

APPLICATIONS / BENEFITS
• Small DO-35 size package (or “D” Package).
• Regulates voltage over a broad operating current and temperature range.
• Extensive selection from 2.4 to 200 volts.
• Standard and tight voltage tolerances available.
• Extremely robust construction.
• Flexible axial-lead mounting terminals.
• Non-sensitive to ESD per MIL-STD-750 method 1020.
• Inherently radiation hard as described in Microsemi “MicroNote 050”.




Similar Part No. - 1N6320D

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6320 CDI-DIODE-1N6320 Datasheet
111Kb / 2P
500 mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
500mW ZENER DIODES
logo
Sensitron
1N6320 SENSITRON-1N6320 Datasheet
127Kb / 4P
ZENER 500mW VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N6320 NJSEMI-1N6320 Datasheet
142Kb / 1P
500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
More results


Similar Description - 1N6320D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
500mW, Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
500mW Hermetically Sealed Glass Zener Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com