Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PNE20050EP-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PNE20050EP-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PNE20050EP-Q
Download  PNE20050EP-Q Download
File Size   250.21 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 V, 5 A hyperfast recovery rectifier

PNE20050EP-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PNE20050EP-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PNE20050EP-Q
Download  PNE20050EP-Q Click to download

File Size   250.21 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 V, 5 A hyperfast recovery rectifier

PNE20050EP-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PNE20050EP-Q Product details

1. General description
High power density, hyperfast switching time recovery rectifier with high-efficiency planar
technology, encapsulated in a CFP5 (SOD128) small and flat lead Surface-Mounted Device (SMD)
plastic package.

2. Features and benefits
• Reverse voltage: VR ≤ 200 V
• Forward current: IF ≤ 5 A
• Switching time: trr ≤ 30 ns
• Planar die design
• Pt doped life time control
• Low inductance
• Power and flat lead SMD plastic package
• High power capability due to clip-bond technology
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• General-purpose rectification
• Reverse polarity protection
• Hyperfast switching
• Freewheeling applications
• Engine Control Unit (ECU)




Similar Part No. - PNE20050EP-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNE20050EP NEXPERIA-PNE20050EP Datasheet
250Kb / 13P
200 V, 5 A hyperfast recovery rectifier
21 November 2022
More results


Similar Description - PNE20050EP-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNE20010ER NEXPERIA-PNE20010ER Datasheet
251Kb / 13P
200 V, 1 A hyperfast recovery rectifier
3 January 2019
PNE20020ER NEXPERIA-PNE20020ER Datasheet
248Kb / 13P
200 V, 2 A hyperfast recovery rectifier
3 January 2019
PNE200100EPE NEXPERIA-PNE200100EPE Datasheet
264Kb / 12P
200 V, 10 A hyperfast recovery rectifier
16 June 2022
PNE20040EPE NEXPERIA-PNE20040EPE Datasheet
261Kb / 12P
200 V, 4 A hyperfast recovery rectifier
16 June 2022
PNE20060EPE NEXPERIA-PNE20060EPE Datasheet
240Kb / 12P
200 V, 6 A hyperfast recovery rectifier
13 June 2022
PNE20080EPE-Q NEXPERIA-PNE20080EPE-Q Datasheet
264Kb / 12P
200 V, 8 A hyperfast recovery rectifier
16 June 2022
PNE20010ER-Q NEXPERIA-PNE20010ER-Q Datasheet
254Kb / 13P
200 V, 1 A hyperfast recovery rectifier
21 March 2023
PNE20020AER-Q NEXPERIA-PNE20020AER-Q Datasheet
261Kb / 14P
200 V, 2 A hyperfast recovery rectifier
21 March 2023
PNE20020ER-Q NEXPERIA-PNE20020ER-Q Datasheet
254Kb / 13P
200 V, 2 A hyperfast recovery rectifier
21 March 2023
PNE20050EP NEXPERIA-PNE20050EP Datasheet
250Kb / 13P
200 V, 5 A hyperfast recovery rectifier
21 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com