Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A2KM1CSQ24VDC1.6D Datasheet (PDF) - CIT Relay & Switch

A2KM1CSQ24VDC1.6D Datasheet PDF - CIT Relay & Switch
Part # A2KM1CSQ24VDC1.6D
Download  A2KM1CSQ24VDC1.6D Download
File Size   438.91 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description RELAY AUTOMOTIVE SPST 120A 12V

A2KM1CSQ24VDC1.6D Datasheet (PDF)

Go To PDF Page Download Datasheet
A2KM1CSQ24VDC1.6D Datasheet PDF - CIT Relay & Switch

Part # A2KM1CSQ24VDC1.6D
Download  A2KM1CSQ24VDC1.6D Click to download

File Size   438.91 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description RELAY AUTOMOTIVE SPST 120A 12V

A2KM1CSQ24VDC1.6D Datasheet (HTML) - CIT Relay & Switch


A2KM1CSQ24VDC1.6D Product details

Features
• ISO Sized Automotive Relay
• Internal Blowout Magnets
• Capable of Switching up to 110VDC
• Suitable for DC Motor and Lamp Control
• PCB Pin and Quick Connect Mounting Options




Similar Part No. - A2KM1CSQ24VDC1.6D

ManufacturerPart #DatasheetDescription
logo
Mersen
A2K MERSEN-A2K Datasheet
120Kb / 2P
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
A2K-R MERSEN-A2K-R Datasheet
120Kb / 2P
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
A2K100R MERSEN-A2K100R Datasheet
120Kb / 2P
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
A2K10R MERSEN-A2K10R Datasheet
120Kb / 2P
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
A2K110R MERSEN-A2K110R Datasheet
120Kb / 2P
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
More results


Similar Description - A2KM1CSQ24VDC1.6D

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53012 MICROPAC-53012 Datasheet
149Kb / 4P
SPST SOLID-STATE RELAY
logo
ZETTLER Electronics
AZ766 ZETTLER-AZ766 Datasheet
46Kb / 2P
SPST SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ765 AZETTLER-AZ765 Datasheet
247Kb / 2P
SPST SUBMINIATURE POWER RELAY
logo
fujitsu semiconductor
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
POWER RELAY 1 POLE - 16A / Inrush 120A relay
logo
ZETTLER Electronics
AZ766 ZETTLER-AZ766_12 Datasheet
44Kb / 2P
SPST SUBMINIATURE POWER RELAY
AZ7709 ZETTLER-AZ7709 Datasheet
490Kb / 3P
SPST SUBMINIATURE POWER RELAY
logo
Adam Technologies, Inc.
RT2-12 ADAM-TECH-RT2-12 Datasheet
85Kb / 1P
RELAY DC 12V
logo
Micropac Industries
53012 MICROPAC-53012_02 Datasheet
76Kb / 4P
SPST SOLID-STATE RELAY
53024 MICROPAC-53024_02 Datasheet
39Kb / 3P
SPST SOLID-STATE RELAY
logo
CIT Relay & Switch
A3K CIT-A3K Datasheet
443Kb / 4P
RELAY AUTOMOTIVE SPDT 150A 12V
Rev C 10/2022
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com