Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G0C1NEY3 Datasheet (PDF) - STMicroelectronics

STM32G0C1NEY3 Datasheet PDF - STMicroelectronics
Part # STM32G0C1NEY3
Download  STM32G0C1NEY3 Download
File Size   3612.45 Kbytes
Page   159 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V

STM32G0C1NEY3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32G0C1NEY3 Datasheet PDF - STMicroelectronics

Part # STM32G0C1NEY3
Download  STM32G0C1NEY3 Click to download

File Size   3612.45 Kbytes
Page   159 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V

STM32G0C1NEY3 Datasheet (HTML) - STMicroelectronics


STM32G0C1NEY3 Product details

Features
• Core: Arm® 32-bit Cortex®-M0+ CPU,
frequency up to 64 MHz
• -40°C to 85°C/105°C/125°C operating
temperature
• Memories
– Up to 512 Kbytes of Flash memory with
protection and securable area, two banks,
read-while-write support
– 144 Kbytes of SRAM (128 Kbytes with HW
parity check)
• CRC calculation unit
• Reset and power management
– Voltage range: 1.7 V to 3.6 V
– Separate I/O supply pin (1.6 V to 3.6 V)
– Power-on/Power-down reset (POR/PDR)
– Programmable Brownout reset (BOR)
– Programmable voltage detector (PVD)
– Low-power modes:
Sleep, Stop, Standby, Shutdown
– VBAT supply for RTC and backup registers
• Clock management
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator with calibration
– Internal 16 MHz RC with PLL option (±1 %)
– Internal 48 MHz RC oscillator
– Internal 32 kHz RC oscillator (±5 %)
• Up to 94 fast I/Os
– All mappable on external interrupt vectors
– Multiple 5 V-tolerant I/Os
• 12-channel DMA controller with flexible
mapping
• 12-bit, 0.4 μs ADC (up to 16 ext. channels)
– Up to 16-bit with hardware oversampling
– Conversion range: 0 to 3.6V
• Two 12-bit DACs, low-power sample-and-hold
• Three fast low-power analog comparators, with
programmable input and output, rail-to-rail
• 15 timers (two 128 MHz capable): 16-bit for
advanced motor control, one 32-bit and six 16-
bit general-purpose, two basic 16-bit, two lowpower
16-bit, two watchdogs, SysTick timer
• Calendar RTC with alarm and periodic wakeup
from Stop/Standby/Shutdown
• Communication interfaces
– Three I2C-bus interfaces supporting Fastmode
Plus (1 Mbit/s) with extra current
sink, two supporting SMBus/PMBus and
wakeup from Stop mode
– Six USARTs with master/slave
synchronous SPI; three supporting
ISO7816 interface, LIN, IrDA capability,
auto baud rate detection and wakeup
feature
– Two low-power UARTs
– Three SPIs (32 Mbit/s) with 4- to 16-bit
programmable bitframe, two multiplexed
with I2S interface
– HDMI CEC interface, wakeup on header
• USB 2.0 FS device (crystal-less) and host
controller
• USB Type-C™ Power Delivery controller
• Two FDCAN controllers
• True random number generator (RNG)
• AES encryption with 128/256-bit key
• Development support: serial wire debug (SWD)
• 96-bit unique ID
• All packages ECOPACK 2 compliant




Similar Part No. - STM32G0C1NEY3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G0C1 STMICROELECTRONICS-STM32G0C1 Datasheet
3Mb / 26P
STM32 development boards
STM32G0C1E-EV STMICROELECTRONICS-STM32G0C1E-EV Datasheet
3Mb / 26P
STM32 development boards
More results


Similar Description - STM32G0C1NEY3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G041C8 STMICROELECTRONICS-STM32G041C8 Datasheet
1Mb / 118P
Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, AES, RNG, 1.7-3.6V
April 2020 Rev 2
STM32G071C8 STMICROELECTRONICS-STM32G071C8_V01 Datasheet
2Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
March 2020 Rev 3
STM32G071X8 STMICROELECTRONICS-STM32G071X8 Datasheet
1Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
Rev 3
STM32G071X8 STMICROELECTRONICS-STM32G071X8_V01 Datasheet
2Mb / 135P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
23-Sep-2021
STM32G041X6 STMICROELECTRONICS-STM32G041X6 Datasheet
1Mb / 121P
Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, AES, RNG, 1.7-3.6V
05-Oct-2021
STM32G0B1XB STMICROELECTRONICS-STM32G0B1XB Datasheet
2Mb / 159P
Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
30-Nov-2021
STM32G081XB STMICROELECTRONICS-STM32G081XB Datasheet
2Mb / 136P
Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM,4x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
23-Sep-2021
STM32G051X6 STMICROELECTRONICS-STM32G051X6 Datasheet
1Mb / 126P
Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 18 KB RAM,2x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
25-Nov-2021
STM32C031X4 STMICROELECTRONICS-STM32C031X4 Datasheet
2Mb / 108P
Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 12 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
Rev 3 December 2022
STM32C011X4 STMICROELECTRONICS-STM32C011X4 Datasheet
1Mb / 94P
Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
December 2022 Rev 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com