Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87C661X2 Datasheet (PDF) - NXP Semiconductors

P87C661X2 Datasheet PDF - NXP Semiconductors
Part # P87C661X2
Download  P87C661X2 Download
File Size   572.78 Kbytes
Page   102 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces

P87C661X2 Datasheet (PDF)

Go To PDF Page Download Datasheet
P87C661X2 Datasheet PDF - NXP Semiconductors

Part # P87C661X2
Download  P87C661X2 Click to download

File Size   572.78 Kbytes
Page   102 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces

P87C661X2 Datasheet (HTML) - NXP Semiconductors


P87C661X2 Product details

DESCRIPTION
The devices are Single-Chip 8-Bit Microcontrollers manufactured in
an advanced CMOS process and are derivatives of the 80C51
microcontroller family. The instruction set is 100% compatible with
the 80C51 instruction set.
The devices support 6-clock/12-clock mode selection by
programming an OTP bit (OX2) using parallel programming. In
addition, an SFR bit (X2) in the clock control register (CKCON)
also selects between 6-clock/12-clock mode.
These devices have either one or two I2C interfaces, capable of
handling speeds up to 400 kbits/s (Fast I2C). They also have four
8-bit I/O ports, three 16-bit timer/event counters, a multi-source,
four-priority-level, nested interrupt structure, an enhanced UART and
on-chip oscillator and timing circuits.
The added features of the P8xC66xX2 make it a powerful
microcontroller for applications that require pulse width modulation,
high-speed I/O, I2C communication, and up/down counting
capabilities such as motor control.

FEATURES
• 80C51 Central Processing Unit
– 16 kbytes OTP (87C660X2, 87C661X2)
– 16 kbytes ROM (83C660X2, 83C661X2)
– 512 byte RAM
– Boolean processor
– Fully static operation
– Low voltage (2.7 V to 5.5 V at 16 MHz) operation
• 12-clock operation with selectable 6-clock operation (via software
or via parallel programmer)
• Memory addressing capability
– Up to 64 kbytes ROM and 64 kbytes RAM
• Power control modes:
– Clock can be stopped and resumed
– Idle mode
– Power-down mode
• CMOS and TTL compatible
• Two speed ranges at VCC = 5 V
– 0 to 30 MHz with 6-clock operation
– 0 to 33 MHz with 12-clock operation
• Parallel programming with 87C51 compatible hardware interface
to programmer
• RAM expandable externally to 64 kbytes
• Programmable Counter Array (PCA)
– PWM
– Capture/compare
• PLCC and LQFP packages
• Extended temperature ranges
• Dual Data Pointers
• Security bits (3 bits)
• Encryption array - 64 bytes
• 8/9 interrupt sources
• Four interrupt priority levels
• Four 8-bit I/O ports
• One I2C serial port interface has a selectable data transfer mode,
either 400 kB/sec Fast-mode or 100 kB/sec Standard-mode
(8xC660X2 and 8xC661X2)
• A second I2C serial port interface has the 400 kB/sec Fast
data-transfer mode only and selectable slew rate control of the
output pins (8xC661X2)
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Three 16-bit timers/counters T0, T1 (standard 80C51) and
additional T2 (capture and compare)
• Programmable clock-out pin
• Asynchronous port reset
• Low EMI (inhibit ALE, slew rate controlled outputs, and 6-clock
mode)
• Wake-up from Power Down by an external interrupt




Similar Part No. - P87C661X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C661X2 PHILIPS-P87C661X2 Datasheet
574Kb / 102P
80C51 8-bit microcontroller family
2003 Oct 02
P87C661X2BBD PHILIPS-P87C661X2BBD Datasheet
574Kb / 102P
80C51 8-bit microcontroller family
2003 Oct 02
P87C661X2FA PHILIPS-P87C661X2FA Datasheet
574Kb / 102P
80C51 8-bit microcontroller family
2003 Oct 02
More results


Similar Description - P87C661X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C31X2 PHILIPS-80C31X2 Datasheet
380Kb / 62P
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
2003 Jan 24
80C51 PHILIPS-80C51 Datasheet
350Kb / 38P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
P87C654X2 PHILIPS-P87C654X2 Datasheet
497Kb / 88P
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2004 Apr 20
P87C51X2BBD157 PHILIPS-P87C51X2BBD157 Datasheet
409Kb / 62P
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
P80C31SBAA PHILIPS-P80C31SBAA Datasheet
263Kb / 38P
80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V)
2000 Aug 07
8XC51_8XC52 PHILIPS-8XC51_8XC52_15 Datasheet
263Kb / 38P
80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V), lowpower, high speed (33 MHz), 128/256 B RAM
2000 Aug 07
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
80C31 NXP-80C31 Datasheet
238Kb / 32P
80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
P80C31X2 NXP-P80C31X2 Datasheet
408Kb / 62P
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
P83C654X2 NXP-P83C654X2 Datasheet
501Kb / 88P
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2004 Apr 20
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com