Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD1IVN24LS-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD1IVN24LS-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD1IVN24LS-Q
Download  PESD1IVN24LS-Q Download
File Size   236.45 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for in-vehicle networks

PESD1IVN24LS-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD1IVN24LS-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD1IVN24LS-Q
Download  PESD1IVN24LS-Q Click to download

File Size   236.45 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for in-vehicle networks

PESD1IVN24LS-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD1IVN24LS-Q Product details

1. General description
ESD protection device in a leadless ultra small DFN1006BD-2 (SOD882BD) Surface-Mounted
Device (SMD) plastic package with side-wettable flanks, designed to protect automotive in-vehicle
network bus lines from the damage caused by ElectroStatic Discharge (ESD) and other transients.

2. Features and benefits
• Reverse stand-off voltage: VRWM = 24 V
• Low clamping voltage: VCL= 33 V at IPP = 3.5 A
• ESD protection up to 30 kV (IEC 61000-4-2)
• ESD protection up to 30 kV (ISO 10605: C = 330 pF, R = 330 Ω)
• Ultra low leakage current: IRM < 1 nA
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
ESD protection for in-vehicle network lines in automotive environments
• CAN
• LIN
• FlexRay
• SENT




Similar Part No. - PESD1IVN24LS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD1IVN24L-Q NEXPERIA-PESD1IVN24L-Q Datasheet
198Kb / 11P
Bidirectional ESD protection diode
7 March 2023
More results


Similar Description - PESD1IVN24LS-Q

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD24V PROTEC-PESD24V Datasheet
463Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
PESD27V PROTEC-PESD27V Datasheet
475Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
logo
Nexperia B.V. All right...
PESD2CANFD24VQB-Q NEXPERIA-PESD2CANFD24VQB-Q Datasheet
297Kb / 12P
ESD protection for in-vehicle networks
3 August 2022
PESD2CANFD24VU-Q NEXPERIA-PESD2CANFD24VU-Q Datasheet
287Kb / 12P
ESD protection for in-vehicle networks
7 September 2022
PESD2CANFD36VU-Q NEXPERIA-PESD2CANFD36VU-Q Datasheet
217Kb / 11P
ESD protection for in-vehicle networks
15 September 2022
PESD1IVN24-LS NEXPERIA-PESD1IVN24-LS Datasheet
234Kb / 11P
ESD protection for In-vehicle networks
9 April 2021
PESD2CANFD24L-T NEXPERIA-PESD2CANFD24L-T Datasheet
257Kb / 12P
ESD protection for In-vehicle networks
10 August 2020
PESD2CANFD24U-U NEXPERIA-PESD2CANFD24U-U Datasheet
281Kb / 12P
ESD protection for In-vehicle networks
2 October 2021
PESD2CANFD27L-U NEXPERIA-PESD2CANFD27L-U Datasheet
271Kb / 12P
ESD protection for In-vehicle networks
2 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com