Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

83908I-02 Datasheet (PDF) - Renesas Technology Corp

83908I-02 Datasheet PDF - Renesas Technology Corp
Part # 83908I-02
Download  83908I-02 Download
File Size   373.82 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-8 Crystal-to-LVCMOS Fanout Buffer

83908I-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
83908I-02 Datasheet PDF - Renesas Technology Corp

Part # 83908I-02
Download  83908I-02 Click to download

File Size   373.82 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-8 Crystal-to-LVCMOS Fanout Buffer

83908I-02 Datasheet (HTML) - Renesas Technology Corp


83908I-02 Product details

FEATURES
• Eight LVCMOS/LVTTL outputs ,
19Ω typical output impedance @ VDD= VDDO= 3.3V
• Two Crystal oscillator input pairs
One LVCMOS/LVTTL clock input
• Crystal input frequency range: 10MHz - 40MHz
• Output frequency: 200MHz (typical)
• Output Skew: 70ps (maximum) @ VDD= VDDO= 3.3V
• Part-to-part skew: 700ps (maximum) @ VDD= VDDO= 3.3V
• RMS phase jitter @ 25MHz output using a 25MHz crystal
(12kHz - 10MHz): 0.39ps (typical) @ VDD= VDDO= 3.3V
Offset Noise Power
100Hz ..............-111.4 dBc/Hz
1kHz ..............-139.9 dBc/Hz
10kHz ..............-157.3 dBc/Hz
100kHz ..............-157.5 dBc/Hz
• Supply Voltage Modes:
(Core/Output)
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 83908I-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83908I-02 IDT-83908I-02 Datasheet
177Kb / 16P
Low Skew, 1-to-8 Crystal-to-LVCMOS Fanout Buffer
More results


Similar Description - 83908I-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JULY 20, 2005
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83908I-02 IDT-ICS83908I-02 Datasheet
309Kb / 16P
LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS FANOUT BUFFER
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
ICS8538-31 IDT-ICS8538-31 Datasheet
1Mb / 14P
LOW SKEW, 1-TO-8, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
83908I-02 IDT-83908I-02 Datasheet
177Kb / 16P
Low Skew, 1-to-8 Crystal-to-LVCMOS Fanout Buffer
logo
Renesas Technology Corp
83905-01 RENESAS-83905-01 Datasheet
606Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS Fanout Buffer
05/01/15
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com