Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD5V2S2UT-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V2S2UT-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V2S2UT-Q
Download  PESD5V2S2UT-Q Download
File Size   245.9 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Double ESD protection diode

PESD5V2S2UT-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V2S2UT-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V2S2UT-Q
Download  PESD5V2S2UT-Q Click to download

File Size   245.9 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Double ESD protection diode

PESD5V2S2UT-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V2S2UT-Q Product details

1. General description
Uni-directional double ESD protection diode in a SOT23 plastic package. Designed to protect up to
two transmission or data lines from ElectroStatic Discharge (ESD) damage.

2. Features and benefits
• Uni-directional ESD protection of up to two lines
• Max. peak pulse power: Ppp = 260 W at tp = 8/20 us
• Low clamping voltage: V(CL)R = 20 V at Ipp = 15 A
• Ultra-low reverse leakage current: IRM < 150 nA
• ESD protection > 30 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); Ipp = 15 A at tp = 8/20 us.
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Computers and peripherals
• Communication systems
• Audio and video equipment
• High speed data lines
• Parallel ports




Similar Part No. - PESD5V2S2UT-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V2S2UT PHILIPS-PESD5V2S2UT Datasheet
123Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD5V2S2UT PHILIPS-PESD5V2S2UT Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PESD5V2S2UT NXP-PESD5V2S2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD5V2S2UT PHILIPS-PESD5V2S2UT Datasheet
235Kb / 13P
Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Shanghai Leiditech Elec...
PESD5V2S2UT LEIDITECH-PESD5V2S2UT Datasheet
448Kb / 3P
TVS Diode Array
Rev : 01.06.2014
More results


Similar Description - PESD5V2S2UT-Q

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD3V3 PROTEC-PESD3V3 Datasheet
410Kb / 6P
DOUBLE ESD PROTECTION DIODE
logo
Nexperia B.V. All right...
MMBZ27VCT-Q NEXPERIA-MMBZ27VCT-Q Datasheet
205Kb / 10P
Double ESD protection diode
8 March 2023
PESD3V3S2UT-Q NEXPERIA-PESD3V3S2UT-Q Datasheet
245Kb / 12P
Double ESD protection diode
10 June 2022
PESD15VS2UAT-Q NEXPERIA-PESD15VS2UAT-Q Datasheet
244Kb / 11P
Double ESD protection diode
10 June 2022
PESD15VS2UT-Q NEXPERIA-PESD15VS2UT-Q Datasheet
242Kb / 11P
Double ESD protection diode
10 June 2022
PESD24VS2UT-Q NEXPERIA-PESD24VS2UT-Q Datasheet
244Kb / 11P
Double ESD protection diode
10 June 2022
PESD42VS2UT-Q NEXPERIA-PESD42VS2UT-Q Datasheet
273Kb / 12P
Double ESD protection diode array
23 September 2022
PESD24VV2BT NEXPERIA-PESD24VV2BT Datasheet
273Kb / 11P
Bidirectional double ESD protection diode
25 June 2019
PESD27VV2BT NEXPERIA-PESD27VV2BT Datasheet
268Kb / 11P
Bidirectional double ESD protection diode
25 June 2019
PESD42VS2UT NEXPERIA-PESD42VS2UT Datasheet
262Kb / 10P
Double ESD protection diode array
24 January 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com