Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RMSBR Datasheet (PDF) - STMicroelectronics

SPC584N80C3RMSBR Datasheet PDF - STMicroelectronics
Part # SPC584N80C3RMSBR
Download  SPC584N80C3RMSBR Download
File Size   3030.95 Kbytes
Page   158 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture microcontroller for automotive ASIL-D applications

SPC584N80C3RMSBR Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC584N80C3RMSBR Datasheet PDF - STMicroelectronics

Part # SPC584N80C3RMSBR
Download  SPC584N80C3RMSBR Click to download

File Size   3030.95 Kbytes
Page   158 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture microcontroller for automotive ASIL-D applications

SPC584N80C3RMSBR Datasheet (HTML) - STMicroelectronics


SPC584N80C3RMSBR Product details

Features
• AEC-Q100 qualified
• 32-bit Power Architecture VLE compliant CPU
cores:
– Five enhanced main e200z4256n3 cores,
dual issue, two paired in lockstep
– Floating Point, End-to-End Error Correction
• 6576 KB (6288 KB code flash + 288 KB data
flash) on-chip flash memory:
– supports read during program and erase
operations, and multiple blocks allowing
EEPROM emulation
– Supports read while read between the two
code Flash partitions.
• 128 KB on-chip general-purpose SRAM (in
addition to 384 KB included in the CPUs)
• 96-channel direct memory access controller
(eDMA)
• Comprehensive new generation ASIL-D safety
concept
– ASIL-D of ISO 26262
– FCCU for collection and reaction to failure
notifications
– Memory Error Management Unit (MEMU)
for collection and reporting of error events
in memories
– Cyclic redundancy check (CRC) unit
• Junction temperature range -40 °C to 165 °C
• Dual-channel FlexRay controller
• Hardware Security Module (HSM)
• GTM344 - generic timer module
– Intelligent complex timer module
– 144 channels (48 input and 96 output)
– 5 programmable fine grain multi-threaded
cores
– 61 KB of dedicated RAM
– 24-bit wide channels
Enhanced analog-to-digital converter system
with:
– 1 supervisor 12-bit SAR analog converter
– 2 separate 10-bit SAR analog converter
– 4 separate fast 12-bit SAR analog
converters
– 6 separate 16-bit Sigma-Delta analog
converter with programmable decimation
filters
SAR ADC Queued digital interfaces for
individual channel ordering and command
sequencing
Communication interfaces
– 7 LINFlexD modules
– 8 deserial serial peripheral interface (DSPI)
modules
– 7 modular controller area network (MCAN)
modules, and one time-triggered controller
area network (M-TTCAN), all supporting
flexible data rate (ISO CAN-FD)
One Ethernet controller 10/100 Mbps,
compliant IEEE 802.3-2008
Flexible Power Supply options:
– External Regulators (1.2 V core, 3.3 V–5 V
IO)
– Single internal SMPS regulator
Nexus development interface (NDI) per
IEEEISTO 5001-2003 standard, with some
support for 2010 standard
Boot assist Flash (BAF) supports factory
programming using a serial bootload through
the asynchronous CAN or LIN/UART




Similar Part No. - SPC584N80C3RMSBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC584B60E1 STMICROELECTRONICS-SPC584B60E1 Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC584B60E3 STMICROELECTRONICS-SPC584B60E3 Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC584B60E5 STMICROELECTRONICS-SPC584B60E5 Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC584B60E7 STMICROELECTRONICS-SPC584B60E7 Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC584B64E1 STMICROELECTRONICS-SPC584B64E1 Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
More results


Similar Description - SPC584N80C3RMSBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
01-Aug-2012
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC582BX STMICROELECTRONICS-SPC582BX Datasheet
2Mb / 115P
SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
01-Dec-2020
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC58EHX STMICROELECTRONICS-SPC58EHX_V01 Datasheet
2Mb / 147P
SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
07-Jun-2021
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com