Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS7200J-1A Datasheet (PDF) - Renesas Technology Corp

PS7200J-1A Datasheet PDF - Renesas Technology Corp
Part # PS7200J-1A
Download  PS7200J-1A Download
File Size   224.16 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN SOP 1.7 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET

PS7200J-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7200J-1A Datasheet PDF - Renesas Technology Corp

Part # PS7200J-1A
Download  PS7200J-1A Click to download

File Size   224.16 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN SOP 1.7 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET

PS7200J-1A Datasheet (HTML) - Renesas Technology Corp


PS7200J-1A Product details

DESCRIPTION
The PS7200J-1A is a low output capacitance solid state relay containing a GaAs LEDs on the light emitting side
(input side) and MOS FETs on the output side.
It is suitable for high-frequency signal control, due to its low C × R, low output capacitance, and low off-state
leakage current.
FEATURES
• Low C × R (C × R = 15 pF • Ω)
• Low output capacitance (Cout = 1.7 pF TYP.)
• Low off-state leakage current (ILoff = 0.02 nA TYP.)
• High-speed turn-on time (ton = 20 µs TYP.)
• 1 channel type (1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small and thin package (4-pin SOP, Height = 2.1 mm)
• Low offset voltage
• Ordering number of taping product: PS7200J-1A-E3, E4, F3, F4
• UL approved: File No. E72422 (S)
• BSI approved: No. 8241/8242
• CSA approved: CA 101391




Similar Part No. - PS7200J-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200J-1A NEC-PS7200J-1A Datasheet
44Kb / 5P
4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
California Eastern Labs
PS7200J-1A CEL-PS7200J-1A Datasheet
47Kb / 5P
4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
NEC
PS7200J-1A-E3 NEC-PS7200J-1A-E3 Datasheet
44Kb / 5P
4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
California Eastern Labs
PS7200J-1A-E3 CEL-PS7200J-1A-E3 Datasheet
47Kb / 5P
4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
NEC
PS7200J-1A-E4 NEC-PS7200J-1A-E4 Datasheet
44Kb / 5P
4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
More results


Similar Description - PS7200J-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200A-1A NEC-PS7200A-1A Datasheet
78Kb / 12P
4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7200R NEC-PS7200R Datasheet
147Kb / 7P
NECs 4 PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET
PS7200A-1A NEC-PS7200A-1A_01 Datasheet
67Kb / 7P
4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200A-1A CEL-PS7200A-1A Datasheet
202Kb / 13P
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7901D-1A CEL-PS7901D-1A Datasheet
503Kb / 8P
4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200A-1A RENESAS-PS7200A-1A Datasheet
317Kb / 15P
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200R-1A RENESAS-PS7200R-1A Datasheet
261Kb / 15P
4-PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com