Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HI1177JCQ Datasheet (PDF) - Renesas Technology Corp

HI1177JCQ Datasheet PDF - Renesas Technology Corp
Part # HI1177JCQ
Download  HI1177JCQ Download
File Size   511.59 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 40MSPS, 2-Channel D/A Converter

HI1177JCQ Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1177JCQ Datasheet PDF - Renesas Technology Corp

Part # HI1177JCQ
Download  HI1177JCQ Click to download

File Size   511.59 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 40MSPS, 2-Channel D/A Converter

HI1177JCQ Datasheet (HTML) - Renesas Technology Corp


HI1177JCQ Product details

Features
• Resolution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8-Bit
• Maximum Conversion Speed . . . . . . . . . . . . . . . . . 40MHz
• YC 2-Channel Input/Output
• Differential Linearity Error . . . . . . . . . . . . . . . . . 0.3 LSB
• Low Power Consumption . . . . . . . . . . . . . . . . . . . .160mW
(200 Load for 2VP-P Output)
• Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . . +5V Single
• Power-Down Mode
• Low Glitch Noise
• Direct Replacement for Sony CXD1177
Applications
• I/Q Modulation
• YC Video
• Digital TV
• Wireless Transmitters




Similar Part No. - HI1177JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1177JCQ INTERSIL-HI1177JCQ Datasheet
105Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results


Similar Description - HI1177JCQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
8-BIT, 40MSPS, 40mW A/D CONVERTER
Oct-2000
logo
Sony Corporation
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
8-bit 40MSPS High Speed D/A Converter
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
8-bit 40MSPS YC 2-channel D/A Converter
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
8-bit 40MSPS RGB 3-channel D/A Converter
logo
fujitsu semiconductor
MB40968 FUJITSU-MB40968 Datasheet
107Kb / 18P
2-Channel 8-BIT D/A Converter
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
HI1178 INTERSIL-HI1178_05 Datasheet
428Kb / 11P
Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
October 25, 2005
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
10-Bit, 40MSPS A/D Converter
July 2004
logo
Renesas Technology Corp
HI1178 RENESAS-HI1178 Datasheet
591Kb / 11P
Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
10-Bit, 40MSPS A/D Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com