| Electronic Components Datasheet Search |
|
PIMP31-Q Datasheet (PDF) - Nexperia B.V. All rights reserved |
PIMP31-Q Datasheet (PDF) |
|
Download Datasheet |
| Part # | PIMP31-Q |
| Download | PIMP31-Q Click to download |
| File Size | 270.35 Kbytes |
| Page | 12 Pages |
| Manufacturer | NEXPERIA [Nexperia B.V. All rights reserved] |
| Direct Link | https://www.nexperia.com/ |
| Logo | |
| Description | 50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 1 kΩ, R2 = 10 kΩ |
PIMP31-Q Datasheet (HTML) - Nexperia B.V. All rights reserved |
PIMP31-Q Product details |
|
Similar Part No. - PIMP31-Q |
|
Similar Description - PIMP31-Q |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |