Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJK1001DPP-A0 Datasheet (PDF) - Renesas Technology Corp

RJK1001DPP-A0 Datasheet PDF - Renesas Technology Corp
Part # RJK1001DPP-A0
Download  RJK1001DPP-A0 Download
File Size   439.41 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-Channel MOSFET 100 V, 80 A, 5.5 mΩ

RJK1001DPP-A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK1001DPP-A0 Datasheet PDF - Renesas Technology Corp

Part # RJK1001DPP-A0
Download  RJK1001DPP-A0 Click to download

File Size   439.41 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-Channel MOSFET 100 V, 80 A, 5.5 mΩ

RJK1001DPP-A0 Datasheet (HTML) - Renesas Technology Corp


RJK1001DPP-A0 Product details

Features
• High speed switching
• Low drive current
• Low on-resistance RDS(on) = 4.4 mΩ typ. (at VGS = 10 V)
• Package TO-220FPA
• Quality Grade : Standard




Similar Part No. - RJK1001DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1001DPP-E0 RENESAS-RJK1001DPP-E0 Datasheet
88Kb / 7P
N-Channel MOS FET 100 V, 80 A, 5.5 m
RJK1001DPP-E0-T2 RENESAS-RJK1001DPP-E0-T2 Datasheet
88Kb / 7P
N-Channel MOS FET 100 V, 80 A, 5.5 m
RJK1001DPP-E0 RENESAS-RJK1001DPP-E0_15 Datasheet
88Kb / 7P
N-Channel MOS FET 100 V, 80 A, 5.5 m?
More results


Similar Description - RJK1001DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1001DPN-E0 RENESAS-RJK1001DPN-E0 Datasheet
88Kb / 7P
N-Channel MOS FET 100 V, 80 A, 5.5 m
RJK1001DPP-E0 RENESAS-RJK1001DPP-E0 Datasheet
88Kb / 7P
N-Channel MOS FET 100 V, 80 A, 5.5 m
RJK1001DPN-E0 RENESAS-RJK1001DPN-E0_15 Datasheet
88Kb / 7P
N-Channel MOS FET 100 V, 80 A, 5.5 m?
RJK1001DPP-E0 RENESAS-RJK1001DPP-E0_15 Datasheet
88Kb / 7P
N-Channel MOS FET 100 V, 80 A, 5.5 m?
RJK0603DPN-A0 RENESAS-RJK0603DPN-A0 Datasheet
513Kb / 7P
N-Channel MOSFET 60 V, 80 A, 5.2 mΩ
2020.1.9
RJK1002DPN-A0 RENESAS-RJK1002DPN-A0 Datasheet
383Kb / 7P
N-Channel MOSFET 100 V, 70 A, 7.6 mΩ
2020.1.9
RJK1002DPP-A0 RENESAS-RJK1002DPP-A0 Datasheet
442Kb / 7P
N-Channel MOSFET 100 V, 70 A, 7.6 mΩ
2020.1.9
N0605N RENESAS-N0605N Datasheet
676Kb / 7P
N-channel MOSFET 60 V, 80 A, 8.5 mΩ
2019.9.30
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
logo
Nexperia B.V. All right...
PSMN050-80PS NEXPERIA-PSMN050-80PS Datasheet
343Kb / 15P
N-channel 80 V 46 mΩ standard level MOSFET
Rev. 2 - 28 November 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com