Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS21QB-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

BAS21QB-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAS21QB-Q
Download  BAS21QB-Q Download
File Size   239.73 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High-voltage switching diode

BAS21QB-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21QB-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAS21QB-Q
Download  BAS21QB-Q Click to download

File Size   239.73 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High-voltage switching diode

BAS21QB-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


BAS21QB-Q Product details

1. General description
High-voltage switching diode, encapsulated in an ultra small DFN1110D-3 (SOT8015, JEDEC
MO340-BA) leadless Surface-Mounted Device (SMD) plastic package with side-wettable flanks.

2. Features and benefits
• High switching speed: trr ≤ 50 ns
• Low leakage current
• High reverse voltage: VR ≤ 200 V
• Low capacitance: Cd ≤ 5 pF
• Leadless ultra small SMD plastic package
• Low package height of 0.5 mm
• Suitable for Automatic Optical Inspection (AOI) of solder joint
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• High-speed switching
• General-purpose switching
• Voltage clamping
• Reverse polarity protection




Similar Part No. - BAS21QB-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAS21QB NEXPERIA-BAS21QB Datasheet
238Kb / 12P
High-voltage switching diode
27 November 2020
More results


Similar Description - BAS21QB-Q

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com