Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG59M1526VTR Datasheet (PDF) - Renesas Technology Corp

SLG59M1526VTR Datasheet PDF - Renesas Technology Corp
Part # SLG59M1526VTR
Download  SLG59M1526VTR Download
File Size   358.97 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4.5A GreenFET Load Switch

SLG59M1526VTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1526VTR Datasheet PDF - Renesas Technology Corp

Part # SLG59M1526VTR
Download  SLG59M1526VTR Click to download

File Size   358.97 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4.5A GreenFET Load Switch

SLG59M1526VTR Datasheet (HTML) - Renesas Technology Corp


SLG59M1526VTR Product details

General Description
The SLG59M1526V is designed for load switching application.
The part comes with two 4.5A rated MOSFETs switched on by
two ON control pins. Each MOSFETs turn on time is
independently adjusted by an external capacitor.
Features
• Two 4.5A independent MOSFETs
• Two Integrated VGS Charge Pumps
• Two internal discharges per channel for gate and source
• Independent Ramp Control
• Protected by thermal shutdown with current limit
• Pb-Free / RoHS Compliant
• Halogen-Free
• STDFN 14L, 2 x 3 x 0.55 mm




Similar Part No. - SLG59M1526VTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1526V DIALOG-SLG59M1526V Datasheet
153Kb / 10P
Dual 4.5A GreenFET 3 Load Switch
More results


Similar Description - SLG59M1526VTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1527V DIALOG-SLG59M1527V Datasheet
213Kb / 11P
Dual 4.5A GreenFET 3 Load Switch
SLG59M1599V DIALOG-SLG59M1599V Datasheet
179Kb / 9P
Ultra-small Dual 40 m廓 1.0 A GreenFET 3 Load Switch
SLG59M1526V DIALOG-SLG59M1526V Datasheet
153Kb / 10P
Dual 4.5A GreenFET 3 Load Switch
SLG59M1804V DIALOG-SLG59M1804V Datasheet
206Kb / 11P
Dual 4.5A GreenFET 3 Load Switch
logo
Renesas Technology Corp
SLG59M1804V RENESAS-SLG59M1804V Datasheet
497Kb / 12P
Dual 4.5A GreenFET Load Switch
February 8, 2022
SLG59M1556V RENESAS-SLG59M1556V Datasheet
398Kb / 9P
Ultra-small 15.5 mW 2.0 A GreenFET Load Switch
February 10, 2022
SLG59M1568V RENESAS-SLG59M1568V Datasheet
455Kb / 11P
7.3 mW, 9 A GreenFET Load Switch with Discharge
February 7, 2022
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
SLG5NT1464V RENESAS-SLG5NT1464V Datasheet
380Kb / 10P
Ultra-small 40 mW 1.0 A GreenFET Load Switch with Discharge
February 8, 2022
SLG5NT1581V RENESAS-SLG5NT1581V Datasheet
440Kb / 10P
7.3 mW, 9 A GreenFET Load Switch with Discharge
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com