Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG59M1655VTR Datasheet (PDF) - Renesas Technology Corp

SLG59M1655VTR Datasheet PDF - Renesas Technology Corp
Part # SLG59M1655VTR
Download  SLG59M1655VTR Download
File Size   749.22 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small, 7.8 mΩ, 9 A, Single-channel Load Switch with Reverse-current Blocking

SLG59M1655VTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1655VTR Datasheet PDF - Renesas Technology Corp

Part # SLG59M1655VTR
Download  SLG59M1655VTR Click to download

File Size   749.22 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small, 7.8 mΩ, 9 A, Single-channel Load Switch with Reverse-current Blocking

SLG59M1655VTR Datasheet (HTML) - Renesas Technology Corp


SLG59M1655VTR Product details

General Description
The SLG59M1655V is a high-performance 7.8 mΩ nFET load
switch designed for all 0.85 V to 5.5V power rail applications
up to 9 A. Incorporating reverse-current blocking, the
SLG59M1655V is uniquely suited for those power rail
applications where output-to-input voltage backfeed
conditions are to be avoided. Using a proprietary MOSFET
design, the SLG59M1655V achieves it’s stable 7.8 mΩ
RDSON across a wide input/supply voltage range. Using
Renesas’s proprietary CuFET technology, the SLG59M1655V
package also exhibits low thermal resistance for high-current
operation.
Fully specified over the -40 °C to 85 °C temperature range, the
SLG59M1655V is packaged in a space-efficient, low thermal
resistance, RoHS-compliant 1.0 mm x 3.0 mm STDFN
package.
Features
• High-performance MOSFET Switch Design
• Low Typical RDSON: 7.8 mΩ
• Steady-state Operating Current: Up to 9 A
• FET Bulk-switch Reverse-current Blocking
• Supply Voltage: 2.5 V ≤ VDD ≤ 5.5 V
• Wide Input Voltage Range: 0.85 V ≤ VD ≤ VDD
• Capacitor-adjustable Start-up and Inrush Current Control
• Internal MOSFET Gate Driver
• Thermal Shutdown Protection
• Operating Temperature: -40 °C to 85 °C
• Low θJA, 14-pin 1.0 mm x 3.0 mm STDFN Packaging
• Pb-Free / Halogen-Free / RoHS compliant




Similar Part No. - SLG59M1655VTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1655VTR DIALOG-SLG59M1655VTR Datasheet
585Kb / 16P
An Ultra-small, 7.8 m廓, 9 A, Single-channel Integrated Power Switch with Reverse-current Blocking
More results


Similar Description - SLG59M1655VTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1611V DIALOG-SLG5NT1611V Datasheet
188Kb / 10P
An Ultra-small 7.8 m廓, 9 A, Single-channel Integrated Power Switch with Reverse-current Blocking
SLG59M1655V DIALOG-SLG59M1655V Datasheet
585Kb / 16P
An Ultra-small, 7.8 m廓, 9 A, Single-channel Integrated Power Switch with Reverse-current Blocking
logo
Renesas Technology Corp
SLG59M1563V RENESAS-SLG59M1563V Datasheet
469Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
2-Feb-2022
SLG59M1639V RENESAS-SLG59M1639V Datasheet
597Kb / 15P
Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking
4-Feb-2022
SLG59M1641V RENESAS-SLG59M1641V Datasheet
613Kb / 15P
Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking
7-Feb-2022
SLG59M1649V RENESAS-SLG59M1649V Datasheet
620Kb / 17P
An Ultra-small, Low-power 23 mΩ, 4 A, P-Channel Load Switch with Reverse-Current Blocking
2-Feb-2022
SLG59M307V RENESAS-SLG59M307V Datasheet
531Kb / 14P
An Ultra-small 3 mm2, 7.8 mΩ, 4 A, Load Switch with Discharge
3-Feb-2022
SLG5NT1586V RENESAS-SLG5NT1586V Datasheet
470Kb / 14P
An Ultra-small, 22.5 mΩ, 2.5 A Load Switch with Reverse Blocking
7-Feb-2022
SLG5NT1602V RENESAS-SLG5NT1602V Datasheet
391Kb / 11P
7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG5NT1611V RENESAS-SLG5NT1611V Datasheet
395Kb / 11P
An Ultra-small 7.8 mW, 9 A, Single-channel Load Switch with Reverse-current Blocking
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com