Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG59M301VTR Datasheet (PDF) - Renesas Technology Corp

SLG59M301VTR Datasheet PDF - Renesas Technology Corp
Part # SLG59M301VTR
Download  SLG59M301VTR Download
File Size   562.23 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch

SLG59M301VTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M301VTR Datasheet PDF - Renesas Technology Corp

Part # SLG59M301VTR
Download  SLG59M301VTR Click to download

File Size   562.23 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch

SLG59M301VTR Datasheet (HTML) - Renesas Technology Corp


SLG59M301VTR Product details

General Description
The SLG59M301V is a high performance 8.5 mΩ, 4 A
single-channel nFET load switch which can operate with a
2.5 V to 5.5 V VDD supply to switch power rails from as low as
0.85 V up to the supply voltage. The SLG59M301V
incorporates two-level overload current protection, thermal
shutdown protection, and inrush current control which can
easily be adjusted by a small external capacitor.
Using a proprietary MOSFET design, the SLG59M301V
achieves a stable 8.5 mΩ RDSON across a wide input voltage
range. In addition, the SLG59M301V’s package also exhibits
low thermal resistance for high-current operation using
Renesas’s advanced assembly technology.
Fully specified over the -40 °C to 85 °C temperature range, the
SLG59M301V is packaged in a space-efficient, low thermal
resistance, RoHS-compliant 1.5 mm x 2.0 mm STDFN
package.
Features
• 1.5 x 2.0 mm FC-TDFN 8L package (2 fused pins for drain
and 2 fused pins for source)
• Logic level ON pin capable of supporting 0.85 V CMOS
Logic
• User selectable ramp rate with external capacitor
• 8.5 mΩ RDSON while supporting 4 A
• Discharges load when off
• Two Over Current Protection Modes
• Short Circuit Current Limit
• Active Current Limit
• Over Temperature Protection
• Pb-Free / Halogen-Free / RoHS compliant
• Operating Temperature: -40 °C to 85°C
• Operating Voltage: 2.5 V to 5.5 V




Similar Part No. - SLG59M301VTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M301V DIALOG-SLG59M301V Datasheet
127Kb / 10P
Ultra-small 7.8 m廓 4 A Load Switch with Discharge
More results


Similar Description - SLG59M301VTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1657V DIALOG-SLG59M1657V Datasheet
351Kb / 13P
An Ultra-small 3 mm2, 8.4 m廓, 4 A, 125째C-Rated Internally-protected Integrated Power Switch
logo
Renesas Technology Corp
SLG59M1717V RENESAS-SLG59M1717V Datasheet
1,004Kb / 26P
An Ultra-small, 4 mΩ, 5 A Load Switch with PG Output
3-Feb-2022
SLG59M1457V RENESAS-SLG59M1457V Datasheet
539Kb / 15P
An Ultra-small 3 mm2, 7.8 mΩ, 6 A, Internally-protected Load Switch with Discharge
3-Feb-2022
SLG59M1545V RENESAS-SLG59M1545V Datasheet
606Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch
2-Feb-2022
SLG59M1558V RENESAS-SLG59M1558V Datasheet
567Kb / 15P
An Ultra-small 1.6 mm2, 28.5 mΩ, 1.0 A, Load Switch
2-Feb-2022
SLG59M1614V RENESAS-SLG59M1614V Datasheet
562Kb / 16P
An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Load Switch
3-Feb-2022
SLG59M1657V RENESAS-SLG59M1657V Datasheet
588Kb / 19P
An Ultra-small 3 mm2, 8.4 mΩ, 4 A, 125 °C-Rated Internally-protected Load Switch
3-Feb-2022
SLG59M1658V RENESAS-SLG59M1658V Datasheet
525Kb / 15P
An Ultra-small 1.6 mm2, 17 mΩ, 2.5 A, 125°C-Rated Internally-protected Load Switch with Discharge
February 14, 2022
SLG59M307V RENESAS-SLG59M307V Datasheet
531Kb / 14P
An Ultra-small 3 mm2, 7.8 mΩ, 4 A, Load Switch with Discharge
3-Feb-2022
SLG7NT402V RENESAS-SLG7NT402V Datasheet
513Kb / 16P
An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Integrated Power Switch
5-Nov-2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com