Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1346F Datasheet (PDF) - Belden Inc.

1346F Datasheet PDF - Belden Inc.
Part # 1346F
Download  1346F Download
File Size   172.34 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DeviceBus® for ODVA DeviceNet™, 2 Pr #2224 Str TC, PVCPO Ins, ISOA TC Brd, TPE Jkt, CMG

1346F Datasheet (PDF)

Go To PDF Page Download Datasheet
1346F Datasheet PDF - Belden Inc.

Part # 1346F
Download  1346F Click to download

File Size   172.34 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DeviceBus® for ODVA DeviceNet™, 2 Pr #2224 Str TC, PVCPO Ins, ISOA TC Brd, TPE Jkt, CMG

1346F Datasheet (HTML) - Belden Inc.


1346F Product details

Product Description
DeviceBus® for ODVA DeviceNet™, 2 Pair 22+24AWG (154x44+105x44) Tinned Copper, PVC+PO Insulation, Individual Beldfoil® & OA Tinned Copper
Braid(65%) Shield, TPE Outer Jacket, CMG




Similar Part No. - 1346F

ManufacturerPart #DatasheetDescription
logo
Heyco.
1346 HEYCO-1346 Datasheet
130Kb / 1P
Strain Relief Mounting Hole Punches
logo
List of Unclassifed Man...
13460 ETC2-13460 Datasheet
146Kb / 1P
STATSHIELD METAL-IN SERIES
1346000 ETC2-1346000 Datasheet
101Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors, twisted pairs, PVC insulation
1346005 ETC2-1346005 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductor, FEP insulation
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
More results


Similar Description - 1346F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
123085A BELDEN-123085A Datasheet
144Kb / 2P
DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, CPE Jkt, CM, CL2
05-05-2023
127895A BELDEN-127895A Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1820 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, PLTC
05-05-2023
133084A BELDEN-133084A Datasheet
145Kb / 2P
DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,SIA Armor, PVC Jkt, CM, CL2
05-05-2023
123082F BELDEN-123082F Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, Flexible, CMG PLTC
05-05-2023
123084F BELDEN-123084F Datasheet
141Kb / 2P
DeviceBus®, 2 Pr #2224 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, Flexible, CMG, CL2
05-05-2023
127896A BELDEN-127896A Datasheet
145Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPP Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, CMG CSA HL
05-05-2023
7895A BELDEN-7895A Datasheet
165Kb / 2P
DeviceBus®, 2 Pr #1820 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,CMG, PLTC
04-14-2023
7896A BELDEN-7896A Datasheet
169Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPP Ins, ISOA TC Brd, PVC Jkt,600V TC-ER
01-20-2023
7897A BELDEN-7897A Datasheet
168Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVC-NYL FEP Ins, ISOA TC Brd, PVC Jkt, 600V TC-ER
01-20-2023
127897A BELDEN-127897A Datasheet
146Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVC-NYL FEP Ins, ISOA TC Brd, PVC Jkt, AIA, PVC Jkt, 600V
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com