Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CG-POE15VPDV2 Datasheet (PDF) - Coolgear Inc.

CG-POE15VPDV2 Datasheet PDF - Coolgear Inc.
Part # CG-POE15VPDV2
Download  CG-POE15VPDV2 Download
File Size   184.47 Kbytes
Page   3 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description Coolgear Labs V2 Mini PoE to USB Type-C Adapter 25W Output All-in-One IEEE802.3af

CG-POE15VPDV2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CG-POE15VPDV2 Datasheet PDF - Coolgear Inc.

Part # CG-POE15VPDV2
Download  CG-POE15VPDV2 Click to download

File Size   184.47 Kbytes
Page   3 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description Coolgear Labs V2 Mini PoE to USB Type-C Adapter 25W Output All-in-One IEEE802.3af

CG-POE15VPDV2 Datasheet (HTML) - Coolgear Inc.


CG-POE15VPDV2 Product details

Features
-60% Smaller than any other PoE to USB Type-C solution
-Isolated POE Active DC-DC adapter to power up Tablets,
Laptops, Phones, Nest Cam IQ, Sensors, and other USB-C
Devices
-Specifically designed for use with any USB Power Delivery
(PD) Device.
-Ideal for extending continuous power to USB-C devices
requiring up to 25 watts
-Overload & short-circuit protection




Similar Part No. - CG-POE15VPDV2

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CG-POE15VPD-LP COOLGEAR-CG-POE15VPD-LP Datasheet
178Kb / 3P
Coolgear Labs Low Power 10W POE to Type C PD for NEST CAM IQ
Rev 04.220311
More results


Similar Description - CG-POE15VPDV2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U040-06N-MIC-F TRIPPLITE-U040-06N-MIC-F Datasheet
499Kb / 2P
USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
P169-000-KPA-BK TRIPPLITE-P169-000-KPA-BK Datasheet
172Kb / 2P
Mini DisplayPort to DisplayPort All-in-One Keystone/Panel Mount Angled Adapter (F/F), Black
U428-06N-F TRIPPLITE-U428-06N-F Datasheet
157Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Adapter Cable, USB Type-C (USB-C) to USB Type-A M/F, 6-in. Length
U444-06N-HDV4K TRIPPLITE-U444-06N-HDV4K Datasheet
163Kb / 4P
USB Type-C (USB-C) to HDMI/DVI/VGA All-in-One Converter Adapter, Thunderbolt 3 Compatible, Ultra HD 4K @30Hz
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
logo
Coolgear Inc.
CG-POE15VPD-LP COOLGEAR-CG-POE15VPD-LP Datasheet
178Kb / 3P
Coolgear Labs Low Power 10W POE to Type C PD for NEST CAM IQ
Rev 04.220311
G-POE-CESAT COOLGEAR-G-POE-CESAT Datasheet
49Kb / 1P
22watt PoE to TYPE C PD Power Adapter
11/15/2022
G-POE-CESBT COOLGEAR-G-POE-CESBT Datasheet
102Kb / 1P
50watt PoE to TYPE C PD Power Adapter
11/15/2022
logo
New Scale Technologies,...
M3-LS NEWSCALE-M3-LS Datasheet
661Kb / 4P
All-in-one USB micro stage
08-30-2017
logo
Coolgear Inc.
CG-43AB1_V2.0-PROG COOLGEAR-CG-43AB1_V2.0-PROG Datasheet
334Kb / 2P
Coolgear Labs 7 Port USB 3.2 Gen 1 Hub 4 3 Type-A Ports
6/1/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com