Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NEM091203P-28 Datasheet (PDF) - Renesas Technology Corp

NEM091203P-28 Datasheet PDF - Renesas Technology Corp
Part # NEM091203P-28
Download  NEM091203P-28 Download
File Size   310.8 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LDMOS FIELD EFFECT TRANSISTOR

NEM091203P-28 Datasheet (PDF)

Go To PDF Page Download Datasheet
NEM091203P-28 Datasheet PDF - Renesas Technology Corp

Part # NEM091203P-28
Download  NEM091203P-28 Click to download

File Size   310.8 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LDMOS FIELD EFFECT TRANSISTOR

NEM091203P-28 Datasheet (HTML) - Renesas Technology Corp


NEM091203P-28 Product details

N-CHANNEL SILICON POWER LDMOS FET
FOR 135 W UHF-BAND SINGLE-END POWER AMPLIFIER

DESCRIPTION
The NEM091203P-28 is an N-channel enhancement-mode lateral diffused MOS FET designed for 850 to 960 MHz
applications, such as, GSM/EDGE/N-CDMA cellular base station. Dies are manufactured using our NEWMOS
technology (our WSi gate lateral MOS FET), and its nitride surface passivation and quadruple layer aluminum silicon
metallization offer a high degree of reliability.
FEATURES
• High 1 dB compression output power : PO (1 dB) = 135 W TYP. (VDS = 28 V, IDset = 1 200 mA,
f = 850 to 960 MHz CW)
• High linear gain : GL = 17.0 dB TYP. (VDS = 28 V, IDset = 1 200 mA, f = 850 to 960 MHz CW)
• High drain efficiency : ηd = 58% TYP. (VDS = 28 V, IDset = 1 200 mA, f = 850 to 960 MHz CW)
• Low intermodulation distortion : IM3 = −40 dBc TYP. (VDS = 28 V, IDset = 1 200 mA, f = 960/960.1 MHz, Pout = 45 dBm (2 tones) )
: IM3 = −40 dBc TYP. (VDS = 28 V, IDset = 1 200 mA, f = 880/880.1 MHz,
Pout = 45 dBm (2 tones) )
• Internal matched (Input and Output) for ease of use
• Low cost hollow plastic packages
• 100% screening
• Integrated ESD protection
• Effective prevention against humidity
• Excellent stability against HCI (Hot Carrier Injection)




Similar Part No. - NEM091203P-28

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NEM091603P-28 RENESAS-NEM091603P-28 Datasheet
306Kb / 11P
LDMOS FIELD EFFECT TRANSISTOR
2008
NEM091603P-28-A RENESAS-NEM091603P-28-A Datasheet
306Kb / 11P
LDMOS FIELD EFFECT TRANSISTOR
2008
NEM091803S-28 RENESAS-NEM091803S-28 Datasheet
271Kb / 9P
LDMOS FIELD EFFECT TRANSISTOR
2004
More results


Similar Description - NEM091203P-28

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10100 ERICSSON-PTF10100 Datasheet
163Kb / 6P
165 Watts, 860-900 MHz LDMOS Field Effect Transistor
logo
Infineon Technologies A...
PTFC270101M INFINEON-PTFC270101M_15 Datasheet
409Kb / 21P
High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
PXAC243502FV INFINEON-PXAC243502FV_15 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2015-04-13
PTFB183408SV INFINEON-PTFB183408SV Datasheet
248Kb / 15P
High Power RF LDMOS Field Effect Transistor
Rev. 03, 2014-03-07
PTFB201402FC INFINEON-PTFB201402FC Datasheet
841Kb / 14P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
logo
Renesas Technology Corp
NEM090303M-28 RENESAS-NEM090303M-28 Datasheet
295Kb / 12P
LDMOS FIELD EFFECT TRANSISTOR
2003
NEM090603M-28 RENESAS-NEM090603M-28 Datasheet
302Kb / 11P
LDMOS FIELD EFFECT TRANSISTOR
2006
NEM090853P-28 RENESAS-NEM090853P-28 Datasheet
283Kb / 10P
LDMOS FIELD EFFECT TRANSISTOR
2004
NEM091603P-28 RENESAS-NEM091603P-28 Datasheet
306Kb / 11P
LDMOS FIELD EFFECT TRANSISTOR
2008
NEM091803S-28 RENESAS-NEM091803S-28 Datasheet
271Kb / 9P
LDMOS FIELD EFFECT TRANSISTOR
2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com