Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1376A Datasheet (PDF) - Renesas Technology Corp

1376A Datasheet PDF - Renesas Technology Corp
Part # 1376A
Download  1376A Download
File Size   242.9 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTORS

1376A Datasheet (PDF)

Go To PDF Page Download Datasheet
1376A Datasheet PDF - Renesas Technology Corp

Part # 1376A
Download  1376A Click to download

File Size   242.9 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTORS

1376A Datasheet (HTML) - Renesas Technology Corp


1376A Product details

PNP SILICON EPITAXIAL TRANSISTOR
FOR HIGH VOLTAGE AMPLIFIERS




Similar Part No. - 1376A

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1376 ADAFRUIT-1376 Datasheet
101Kb / 2P
NeoPixel Digital RGB LED Strip - White 30 LED - WHITE
logo
CEE Norm UK Ltd
1376 CEENORM-1376 Datasheet
1Mb / 4P
Socket Outlets
logo
Molex Electronics Ltd.
1376-(P909)L MOLEX1-1376-(P909)L Datasheet
118Kb / 2P
2.36mm (.093") Diameter, Standard .093" Pin and Socket PC Tail Terminal, Series 1376, Male, with Tin/Lead (Sn/Pb) Plated Contact, With Detent, Bag Packaged
logo
List of Unclassifed Man...
1376-2 ETC2-1376-2 Datasheet
485Kb / 1P
MICRO PINS
logo
Molex Electronics Ltd.
1376-L MOLEX1-1376-L Datasheet
118Kb / 2P
2.36mm (.093") Diameter, Standard .093" Pin and Socket PC Tail Terminal, Series 1376, Male, with Tin/Lead (Sn/Pb) Plated Contact, With Detent, Bag Packaged
More results


Similar Description - 1376A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N4424 ETC-2N4424 Datasheet
94Kb / 3P
SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3402 NJSEMI-2N3402 Datasheet
149Kb / 1P
SILICON TRANSISTORS
2N3854 NJSEMI-2N3854 Datasheet
137Kb / 1P
SILICON TRANSISTORS
2N4424 NJSEMI-2N4424 Datasheet
121Kb / 1P
SILICON TRANSISTORS
2N5307 NJSEMI-2N5307 Datasheet
132Kb / 1P
SILICON TRANSISTORS
2N5777 NJSEMI-2N5777 Datasheet
134Kb / 2P
SILICON TRANSISTORS
GES5814 NJSEMI-GES5814 Datasheet
156Kb / 2P
Silicon Transistors
GES5401 NJSEMI-GES5401 Datasheet
117Kb / 2P
Silicon Transistors
logo
Renesas Technology Corp
2SC3623 RENESAS-2SC3623 Datasheet
271Kb / 6P
SILICON TRANSISTORS
2002
2SD1616 RENESAS-2SD1616 Datasheet
235Kb / 6P
SILICON TRANSISTORS
2002
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com