Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FWS-8600S2-R60-A10-00 Datasheet (PDF) - AAEON Technology

FWS-8600S2-R60-A10-00 Datasheet PDF - AAEON Technology
Part # FWS-8600S2-R60-A10-00
Download  FWS-8600S2-R60-A10-00 Download
File Size   451.95 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 2U Rackmount Network Appliance with Dual 2nd Gen Intel® Xeon® Scalable Processors

FWS-8600S2-R60-A10-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
FWS-8600S2-R60-A10-00 Datasheet PDF - AAEON Technology

Part # FWS-8600S2-R60-A10-00
Download  FWS-8600S2-R60-A10-00 Click to download

File Size   451.95 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description 2U Rackmount Network Appliance with Dual 2nd Gen Intel® Xeon® Scalable Processors

FWS-8600S2-R60-A10-00 Datasheet (HTML) - AAEON Technology


FWS-8600S2-R60-A10-00 Product details

Features
■ 2U Rackmount Network Appliance
■ Dual 2nd Gen Intel® Xeon® Scalable Processors
■ Intel® C621 Chipset
■ DDR4 2133/2400/2666 MHz RDIMM x 16, up to 512GB
■ 1GbE RJ45 Intel® i211 x 2, NIM slot x 4 (Project based up to 8 slots)
■ IPMI supported by AAEON Module
■ External Hotswappable 3.5” HDD Bay x 4, Internal 3.5” HDD Bay x 1
■ Mini-Card slot x 1, M.2 2260 M-key x 1
■ RJ-45 Console x 1, USB 3.2 Gen 1 x 2
■ 550W ~ 600W Redundant Power




Similar Part No. - FWS-8600S2-R60-A10-00

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-816B AAEON-FWS-816B Datasheet
454Kb / 2P
1U Intel Core 2 Duo Network Appliance With 6/8 PCI-Express LAN Ports
FWS-825 AAEON-FWS-825 Datasheet
893Kb / 2P
2U Rackmount Chassis
FWS-825E6-880-Z35-B AAEON-FWS-825E6-880-Z35-B Datasheet
893Kb / 2P
2U Rackmount Chassis
FWS-8500 AAEON-FWS-8500 Datasheet
327Kb / 2P
650w redundant power
FWS-8500 AAEON-FWS-8500 Datasheet
117Kb / 1P
supports two pairs bypass function
More results


Similar Description - FWS-8600S2-R60-A10-00

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SKY-7232D ADVANTECH-SKY-7232D Datasheet
991Kb / 2P
2U High Performance Rackmount Server with 3rd Gen. Intel® Xeon® Scalable processors
10-Aug-2022
SKY-7232D-V2 ADVANTECH-SKY-7232D-V2 Datasheet
844Kb / 2P
2U High Performance Rackmount Server with 3rd Gen. Intel® Xeon® Scalable processors
16-Nov-2022
SKY-7232D3E ADVANTECH-SKY-7232D3E Datasheet
469Kb / 2P
2U HCI Server with 3rd Gen. Intel® Xeon® Scalable Processors
3-Mar-2023
SKY-7632D ADVANTECH-SKY-7632D Datasheet
813Kb / 2P
2U Edge Sever with 3rd Gen. Intel® Xeon® Scalable Processors
5-Jul-2022
FWA-6070 ADVANTECH-FWA-6070 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
FWA-6072 ADVANTECH-FWA-6072 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with 4th Generation Intel® Xeon® Scalable Processor for NFV
16-Feb-2023
FWA-6170 ADVANTECH-FWA-6170 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with Intel® Xeon® Processor Scalable Family, up to 8 NMC slots
14-Dec-2017
FWA-6171 ADVANTECH-FWA-6171 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with dual 3rd Gen Intel® Xeon® Scalable processors, up to 8 NMC slots
6-Dec-2022
FWA-6172 ADVANTECH-FWA-6172 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with Dual 4th Generation Intel® Xeon® Scalable Processors for Gateway and NGFW
16-Feb-2023
logo
Lanner All Rights Reser...
NCA-6530 LANNER-NCA-6530 Datasheet
526Kb / 2P
2U 19” Rackmount Network Appliance Built With Intel® Xeon® Processor Scalable Family
V1-2023.01.09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com