Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TZ0522A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0522A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0522A
Download  TZ0522A Download
File Size   301.71 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 24.0MHz

TZ0522A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0522A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0522A
Download  TZ0522A Click to download

File Size   301.71 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 24.0MHz

TZ0522A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ0522A Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package

Description and Applications:
Surface mount 3.2mmx2.5mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ0522A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0520A TAI-SAW-TZ0520A Datasheet
218Kb / 5P
SMD 5.0x3.2 39.0MHz Crystal Unit
REV. NO.: 1
TZ0521A TAI-SAW-TZ0521A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 13.53MHz
REV. NO.: 3
TZ0523A TAI-SAW-TZ0523A Datasheet
229Kb / 4P
SMD 4.0x2.5 24.0MHz Crystal Unit
REV. NO.: 1
TZ0524A TAI-SAW-TZ0524A Datasheet
206Kb / 3P
SMD8x4.5 14.318180MHz Crystal Resonator
REV. NO.: 1.0
TZ0525A TAI-SAW-TZ0525A Datasheet
215Kb / 5P
SMD 5.0x3.2 25.0MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ0522A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0466A TAI-SAW-TZ0466A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 4
TZ0623A TAI-SAW-TZ0623A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 3
TZ0623D TAI-SAW-TZ0623D Datasheet
422Kb / 8P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 1
TZ0691A TAI-SAW-TZ0691A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 3
TZ0692A TAI-SAW-TZ0692A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 3
TZ0692B TAI-SAW-TZ0692B Datasheet
165Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 4
TZ0717A TAI-SAW-TZ0717A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 3
TZ0736A TAI-SAW-TZ0736A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 3
TZ1104A TAI-SAW-TZ1104A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 2
TZ1203A TAI-SAW-TZ1203A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com