Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD24VS1ULD Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD24VS1ULD Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD24VS1ULD
Download  PESD24VS1ULD Download
File Size   264.73 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Unidirectional ESD protection diode

PESD24VS1ULD Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD24VS1ULD Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD24VS1ULD
Download  PESD24VS1ULD Click to download

File Size   264.73 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Unidirectional ESD protection diode

PESD24VS1ULD Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD24VS1ULD Product details

1. General description
Unidirectional ElectroStatic Discharge (ESD) protection diode designed to protect one signal
line from the damage caused by ESD and other transients. The device is housed in a SOD882D
leadless ultra small Surface-Mounted Device (SMD) plastic package with visible and solderable
side pads.
2. Features and benefits
• ESD protection of one line
• ESD protection up to 23 kV
• Ultra small SMD plastic package
• IEC 61000-4-2; level 4 (ESD)
• Solderable side pads
• IEC 61000-4-5 (surge); IPP = 3A
• Package height typ. 0.37 mm
• Max. peak pulse power: PPPM = 150 W
• Low clamping voltage: VCL = 70 V
• Max. peak pulse power: PPPM = 150 W
• Ultra low leakage current: IRM < 1 nA
• AEC-Q101 qualified
3. Application information
• Computers and peripherals
• Communication systems
• Audio and video equipment
• Portable electronics




Similar Part No. - PESD24VS1ULD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VS1ULD PHILIPS-PESD24VS1ULD Datasheet
312Kb / 12P
Unidirectional ESD protection diode
Rev. 1-19 October 2010
logo
Nexperia B.V. All right...
PESD24VS1ULD-Q NEXPERIA-PESD24VS1ULD-Q Datasheet
282Kb / 12P
Unidirectional ESD protection diode
23 September 2022
More results


Similar Description - PESD24VS1ULD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS1UL NXP-PESD36VS1UL Datasheet
502Kb / 11P
Unidirectional ESD protection diode
Rev. 1-5 March 2012
PESD24VS1ULD PHILIPS-PESD24VS1ULD Datasheet
312Kb / 12P
Unidirectional ESD protection diode
Rev. 1-19 October 2010
PESD12VS1ULD PHILIPS-PESD12VS1ULD_15 Datasheet
309Kb / 12P
Unidirectional ESD protection diode
Rev. 1-11 May 2011
PESD15VS1ULD PHILIPS-PESD15VS1ULD Datasheet
307Kb / 12P
Unidirectional ESD protection diode
Rev. 1-11 May 2011
logo
Nexperia B.V. All right...
PESD24VS1UA NEXPERIA-PESD24VS1UA Datasheet
987Kb / 13P
Unidirectional ESD protection diode
PESD36VS1UJ NEXPERIA-PESD36VS1UJ Datasheet
218Kb / 10P
Unidirectional ESD protection diode
PESD24VS1UA-Q NEXPERIA-PESD24VS1UA-Q Datasheet
237Kb / 12P
Unidirectional ESD protection diode
5 May 2022
PESD36VS1UJ-Q NEXPERIA-PESD36VS1UJ-Q Datasheet
233Kb / 11P
Unidirectional ESD protection diode
1 June 2022
PESD8V0S1ULD-Q NEXPERIA-PESD8V0S1ULD-Q Datasheet
298Kb / 12P
Unidirectional ESD protection diode
5 May 2022
PESD24VS1ULS NEXPERIA-PESD24VS1ULS Datasheet
227Kb / 11P
Unidirectional ESD protection diode
28 January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com