Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMEG2015EH Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG2015EH Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG2015EH
Download  PMEG2015EH Download
File Size   693.39 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers

PMEG2015EH Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2015EH Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG2015EH
Download  PMEG2015EH Click to download

File Size   693.39 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers

PMEG2015EH Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG2015EH Product details

1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an
integrated guard ring for stress protection encapsulated in small and flat SMD plastic
packages.
1.2 Features
Forward current: ≤ 1.5 A
Reverse voltage: ≤ 20 V
Very low forward voltage
Small and flat lead SMD plastic packages
1.3 Applications
Low voltage rectification
High efficiency DC-to-DC conversion
Switch mode power supply
Inverse polarity protection
Low and medium power general applications
Table 1. Product overview
Type number Package Configuration
Nexperia JEITA
PMEG2015EH SOD123F - single diode
PMEG2015EJ SOD323F SC-90 single diode




Similar Part No. - PMEG2015EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2015EH PHILIPS-PMEG2015EH Datasheet
58Kb / 9P
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-7 April 2005
PMEG2015EH PHILIPS-PMEG2015EH Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PMEG2015EH NXP-PMEG2015EH_10 Datasheet
115Kb / 9P
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
PMEG2015EH PHILIPS-PMEG2015EH_15 Datasheet
115Kb / 9P
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
More results


Similar Description - PMEG2015EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2020EH PHILIPS-PMEG2020EH Datasheet
60Kb / 10P
20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2015EH PHILIPS-PMEG2015EH Datasheet
58Kb / 9P
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-7 April 2005
PMEG2020EH NXP-PMEG2020EH Datasheet
115Kb / 10P
20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2015EH NXP-PMEG2015EH_10 Datasheet
115Kb / 9P
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
PMEG2020EH PHILIPS-PMEG2020EH Datasheet
115Kb / 10P
20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG2015EH PHILIPS-PMEG2015EH_15 Datasheet
115Kb / 9P
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
PMEG2015EPK PHILIPS-PMEG2015EPK_15 Datasheet
1Mb / 14P
20 V, 1.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-6 March 2012
PMEG2020EH_EJ PHILIPS-PMEG2020EH_EJ_15 Datasheet
115Kb / 10P
20 V, 2 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG2015EPK NEXPERIA-PMEG2015EPK Datasheet
1Mb / 15P
20 V, 1.5 A low VF MEGA Schottky barrier rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com