Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RC1760-RC232 Datasheet (PDF) - Radiocrafts AS.

RC1760-RC232 Datasheet PDF - Radiocrafts AS.
Part # RC1760-RC232
Download  RC1760-RC232 Download
File Size   640.94 Kbytes
Page   19 Pages
Manufacturer  RADIOCRAFTS [Radiocrafts AS.]
Direct Link  https://radiocrafts.com/
Logo RADIOCRAFTS - Radiocrafts AS.
Description Ultra Narrow Band High Power RF Module at 169/433/444/458/463/467/868 MHz

RC1760-RC232 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC1760-RC232 Datasheet PDF - Radiocrafts AS.

Part # RC1760-RC232
Download  RC1760-RC232 Click to download

File Size   640.94 Kbytes
Page   19 Pages
Manufacturer  RADIOCRAFTS [Radiocrafts AS.]
Direct Link  https://radiocrafts.com/
Logo RADIOCRAFTS - Radiocrafts AS.
Description Ultra Narrow Band High Power RF Module at 169/433/444/458/463/467/868 MHz

RC1760-RC232 Datasheet (HTML) - Radiocrafts AS.


RC1760-RC232 Product details

Product Description
The RC17xxHP are a family of compact surface-mounted modules that measure only 12.7 x
25.4 x 3.7 mm. The module contains a communication controller with embedded RC232 software
and is pre-certified for operation under the European regulations (for applicable bands).
Custom variants can be offered in dedicated bands within the 169 - 870 MHz frequency
range. How to use the embedded RC232 protocol is described in the RC17xxHP-RC232 User
Manual.

Applications
• Industrial remote controls
• Long range sensor applications
• Automatic Meter Reading
• Asset Tracking
• Telemetry stations
• Fleet management

Features
• Long range, high reliability
• Ultra narrowband, high-performance radio
• High sensitivity and high selectivity
• High blocking properties
• High RF Power, long range (up to 20 km Line-Of-Sight)
• Completely shielded module
• Pin compatible with the low cost family RC11XX (including –MBUS, –KNX, -TM and
RC232 versions) and 2.4 GHz versions RC2500/2500HP from Radiocrafts
• 12.7 x 25.4 x 3.7 mm compact module for SMD mounting
• 2.8 – 3.6 V supply voltage (additional 5V required for 433-868 MHz HP versions with
setting +27 dBm)
• Ultra low power modes
• Conforms with EU RED directive (EN 300 220, EN 301 489, EN 60950)




Similar Part No. - RC1760-RC232

ManufacturerPart #DatasheetDescription
logo
Radiocrafts AS.
RC1701-MBUS4 RADIOCRAFTS-RC1701-MBUS4 Datasheet
503Kb / 17P
Wireless M-Bus High power N Mode RF Transceiver Module EN 13757-4:2013)
rev. 1.21
RC1701-MPC1 RADIOCRAFTS-RC1701-MPC1 Datasheet
135Kb / 3P
Wireless M-Bus RF Transceiver Module (EN 13757-4:2013) with Pulse Counter inputs
rev. 1.0
RC1701HP-MBUS4 RADIOCRAFTS-RC1701HP-MBUS4 Datasheet
503Kb / 17P
Wireless M-Bus High power N Mode RF Transceiver Module EN 13757-4:2013)
rev. 1.21
RC1701HP-MPC1 RADIOCRAFTS-RC1701HP-MPC1 Datasheet
135Kb / 3P
Wireless M-Bus RF Transceiver Module (EN 13757-4:2013) with Pulse Counter inputs
rev. 1.0
RC1701VHP-MBUS4 RADIOCRAFTS-RC1701VHP-MBUS4 Datasheet
503Kb / 17P
Wireless M-Bus High power N Mode RF Transceiver Module EN 13757-4:2013)
rev. 1.21
More results


Similar Description - RC1760-RC232

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5100 INFINEON-TDK5100 Datasheet
629Kb / 40P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 October 2002
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
logo
Infineon Technologies A...
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
logo
List of Unclassifed Man...
RFM50 ETC2-RFM50 Datasheet
244Kb / 8P
MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
RFM60 ETC2-RFM60 Datasheet
291Kb / 9P
MCU with 315/433/868/915 MHz ISM Band Transmitter Module
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
logo
Suntsu Electronics, Inc...
SATCA-9A4A2A-ISB4 SUNTSU-SATCA-9A4A2A-ISB4 Datasheet
970Kb / 5P
ISM 433/868/915 Band
SATCA-10F3A1G-ISB4 SUNTSU-SATCA-10F3A1G-ISB4 Datasheet
1,006Kb / 5P
ISM 433/868/915 Band
logo
Pulse A Technitrol Comp...
W3100X PULSE-W3100X Datasheet
2Mb / 31P
ISM 169/433/868/915/2450MHz Helical Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com