Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F96J60 Datasheet (PDF) - Microchip Technology

PIC18F96J60 Datasheet PDF - Microchip Technology
Part # PIC18F96J60
Download  PIC18F96J60 Download
File Size   8548.59 Kbytes
Page   474 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet

PIC18F96J60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F96J60 Datasheet PDF - Microchip Technology

Part # PIC18F96J60
Download  PIC18F96J60 Click to download

File Size   8548.59 Kbytes
Page   474 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet

PIC18F96J60 Datasheet (HTML) - Microchip Technology


PIC18F96J60 Product details

DEVICE OVERVIEW
This document contains device-specific information for the following devices:
• PIC18F66J60 • PIC18F87J60
• PIC18F66J65 • PIC18F96J60
• PIC18F67J60 • PIC18F96J65
• PIC18F86J60 • PIC18F97J60
• PIC18F86J65

Ethernet Features:
• IEEE 802.3™ Compatible Ethernet Controller
• Fully Compatible with 10/100/1000Base-T Networks
• Integrated MAC and 10Base-T PHY
• 8-Kbyte Transmit/Receive Packet Buffer SRAM
• Supports One 10Base-T Port
• Programmable Automatic Retransmit on Collision
• Programmable Padding and CRC Generation
• Programmable Automatic Rejection of Erroneous Packets
• Activity Outputs for 2 LED Indicators
• Buffer:
    - Configurable transmit/receive buffer size
    - Hardware-managed circular receive FIFO
    - Byte-wide random and sequential access
    - Internal DMA for fast memory copying
    - Hardware assisted checksum calculation for various protocols
• MAC:
    - Support for Unicast, Multicast and Broadcast packets
    - Programmable Pattern Match of up to 64 bytes within packet at user-defined offset
    - Programmable wake-up on multiple packet formats
• PHY:
    - Wave shaping output filter

Flexible Oscillator Structure:
• Selectable System Clock derived from Single 25 MHz External Source:
    - 2.778 to 41.667 MHz
• Internal 31 kHz Oscillator
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
    - Allows for safe shutdown if oscillator stops
• Two-Speed Oscillator Start-up
(Continue ...)




Similar Part No. - PIC18F96J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F96J60 MICROCHIP-PIC18F96J60 Datasheet
3Mb / 492P
64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
PIC18F96J60 MICROCHIP-PIC18F96J60 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
More results


Similar Description - PIC18F96J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F97J60 MICROCHIP-PIC18F97J60_09 Datasheet
8Mb / 480P
64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F97J60 MICROCHIP-PIC18F97J60_11 Datasheet
3Mb / 492P
64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com