Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

N785-I01-SFP-D Datasheet (PDF) - Tripp Lite. All Rights Reserved

N785-I01-SFP-D Datasheet PDF - Tripp Lite. All Rights Reserved
Part # N785-I01-SFP-D
Download  N785-I01-SFP-D Download
File Size   47.67 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Industrial Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -40° to 75°C, DC Power

N785-I01-SFP-D Datasheet (PDF)

Go To PDF Page Download Datasheet
N785-I01-SFP-D Datasheet PDF - Tripp Lite. All Rights Reserved

Part # N785-I01-SFP-D
Download  N785-I01-SFP-D Click to download

File Size   47.67 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Industrial Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -40° to 75°C, DC Power

N785-I01-SFP-D Datasheet (HTML) - Tripp Lite. All Rights Reserved


N785-I01-SFP-D Product details

Features
Customize a Network Extension over Fiber Optic Cable
This network media converter works with a variety of SFP transceivers to convert a copper Gigabit
Ethernet signal to fiber optic and extend it to a second network device. The customizable SFP port
supports both singlemode and multimode transceivers, allowing your network connection to reach hubs,
switches and other devices located farther away than copper cabling’s 100-meter limit. Auto-negotiation
and automatic MDI/MDI-X configuration seamlessly connect devices without crossover cabling.
Monitor Your Installation with Link Fault Signaling and Loop Back Functions
Determine the health of your network connection via the Link Fault Signaling (LFS) and Line Loop Back
(LLB) functions. The LFS LED indicates when a copper or fiber cable has been severed or another cause
of disruption in service has occurred. The LLB diagnostic test ensures copper and fiber cables have been
correctly installed. Use the DIP switches to control each function or turn them on or off.
LEDs Indicate Installation Performance and Diagnostic Functions
Easy-to-read LEDs on the side of the unit indicate essential status information, including network speed
and connection, LFS diagnostics and unit power. The included 20–57VDC terminal block provides primary
and secondary power inputs.
Protective Metal Housing Built to Withstand a Variety of Hazards
The IP30 industrial-grade aluminum case is protected from entry by tools, wires and other solid objects
greater than 2.5 millimeters in diameter. It can also operate in extreme temperatures ranging from -40 to
75 degrees Celsius (-40 to 167 degrees Fahrenheit). It is protected from electrostatic discharge (ESD),
radio frequency interference (RFI) and power surges. Hardware is included for DIN mounting.
TAA-Compliant for GSA Schedule Purchases
The N785-I01-SFP-D is compliant with the Federal Trade Agreements Act (TAA), which makes it eligible
for GSA (General Services Administration) Schedule and other federal procurement contracts.




Similar Part No. - N785-I01-SFP-D

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N785-I01-SFP-DU TRIPPLITE-N785-I01-SFP-DU Datasheet
57Kb / 3P
Unmanaged Industrial Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, - 40° to 75°C, DC Power
More results


Similar Description - N785-I01-SFP-D

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
Industrial Gigabit Ethernet to fiber media converter
IGPMC-111GP ORING-IGPMC-111GP Datasheet
347Kb / 5P
Industrial Gigabit PoE Ethernet to fiber media converter
ITGMC-111GP ORING-ITGMC-111GP Datasheet
955Kb / 3P
Industrial Gigabit Ethernet to fiber media converter
logo
List of Unclassifed Man...
HEMC2G ETC2-HEMC2G Datasheet
517Kb / 3P
Industrial Gigabit Ethernet to Fiber Media Converter
logo
Advantech Co., Ltd.
856-15410 ADVANTECH-856-15410 Datasheet
536Kb / 2P
10/100/1000 Mbps Ethernet Media Converter
logo
Tripp Lite. All Rights ...
N785-H01-SCMM TRIPPLITE-N785-H01-SCMM Datasheet
46Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Multimode, -10° to 60°C, 500 m (1640 ft.)
N785-H01-SCSM TRIPPLITE-N785-H01-SCSM Datasheet
47Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Singlemode, -10° to 60°C, 10 km (6.2 mi.)
N785-H01-SFP-D TRIPPLITE-N785-H01-SFP-D Datasheet
47Kb / 3P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C, DC Power
N785-H01-SFP TRIPPLITE-N785-H01-SFP Datasheet
47Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C
N785-I01-SFP-DU TRIPPLITE-N785-I01-SFP-DU Datasheet
57Kb / 3P
Unmanaged Industrial Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, - 40° to 75°C, DC Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com