Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT72V8981DBG Datasheet (PDF) - Renesas Technology Corp

IDT72V8981DBG Datasheet PDF - Renesas Technology Corp
Part # IDT72V8981DBG
Download  IDT72V8981DBG Download
File Size   335.06 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128

IDT72V8981DBG Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V8981DBG Datasheet PDF - Renesas Technology Corp

Part # IDT72V8981DBG
Download  IDT72V8981DBG Click to download

File Size   335.06 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128

IDT72V8981DBG Datasheet (HTML) - Renesas Technology Corp


IDT72V8981DBG Product details

FEATURES:
• 128 x 128 channel non-blocking switch
• Serial Telecom Bus Compatible (ST-BUS®)
• 4 RX inputs—32 channels at 64 Kbit/s per serial line
• 4 TX output—32 channels at 64 Kbit/s per serial line
• Three-state serial outputs
• Microprocessor Interface (8-bit data bus)
• 3.3V Power Supply
• Available in 44-pin Plastic Leaded Chip Carrier (PLCC), and
44-pin Plastic Quad Flatpack (PQFP)
• Operating Temperature Range -40°C to +85°C
• 3.3V I/O with 5V Tolerant Inputs




Similar Part No. - IDT72V8981DBG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V8981DB IDT-IDT72V8981DB Datasheet
113Kb / 11P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
More results


Similar Description - IDT72V8981DBG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT728981 IDT-IDT728981 Datasheet
81Kb / 10P
TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8988 IDT-IDT72V8988 Datasheet
130Kb / 14P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com