Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82P2816BB Datasheet (PDF) - Renesas Technology Corp

82P2816BB Datasheet PDF - Renesas Technology Corp
Part # 82P2816BB
Download  82P2816BB Download
File Size   1757.21 Kbytes
Page   147 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16(1) Channel High-Density T1/E1/J1 Line Interface Unit

82P2816BB Datasheet (PDF)

Go To PDF Page Download Datasheet
82P2816BB Datasheet PDF - Renesas Technology Corp

Part # 82P2816BB
Download  82P2816BB Click to download

File Size   1757.21 Kbytes
Page   147 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16(1) Channel High-Density T1/E1/J1 Line Interface Unit

82P2816BB Datasheet (HTML) - Renesas Technology Corp


82P2816BB Product details

Integrates 16+1 channels T1/E1/J1 short haul line interface
units for 100 Ω T1, 120 Ω E1, 110 Ω J1 twisted pair cable and 75 Ω E1 coaxial cable applications

Per-channel configurable Line Interface options
• Supports various line interface options
– Differential and Single Ended line interfaces
– true Single Ended termination on primary and secondary side of transformer
for E1 75 Ω coaxial cable applications
– transformer-less for Differential interfaces
• Fully integrated and software selectable receive and transmit
termination
– Option 1: Fully Internal Impedance Matching with integrated receive
termination resistor
– Option 2: Partially Internal Impedance Matching with common external
resistor for improved device power dissipation
– Option 3: External impedance Matching termination
• Supports global configuration and per-channel configuration to
T1, E1 or J1 mode
Per-channel programmable features
• Provides T1/E1/J1 short haul waveform templates and userprogrammable
arbitrary waveform templates
• Provides two JAs (Jitter Attenuator) for each channel of receiver
and transmitter
• Supports AMI/B8ZS (for T1/J1) and AMI/HDB3 (for E1) encoding
and decoding
Per-channel System Interface options
• Supports Single Rail, Dual Rail with clock or without clock and
sliced system interface
• Integrated Clock Recovery for the transmit interface to recover
transmit clock from system transmit data
Per-channel system and diagnostic functions
• Provides transmit driver over-current detection and protection
with optional automatic high impedance of transmit interface
• Detects and generates PRBS (Pseudo Random Bit Sequence),
ARB (Arbitrary Pattern) and IB (Inband Loopback) in either
receive or transmit direction
• Provides defect and alarm detection in both receive and transmit
directions.
– Defects include BPV (Bipolar Violation) /CV (Code Violation) and EXZ
(Excessive Zeroes)
– Alarms include LLOS (Line LOS), SLOS (System LOS), TLOS
(Transmit LOS) and AIS (Alarm Indication Signal)
• Programmable LLOS detection /clear levels. Compliant with ITU
and ANSI specifications
• Various pattern, defect and alarm reporting options
– Serial hardware LLOS reporting (LLOS, LLOS0) for all 17 channels
– Configurable per-channel hardware reporting with RMF/TMF
(Receive /Transmit Multiplex Function)
– Register access to individual registers or 16-bit error counters




Similar Part No. - 82P2816BB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82P2816A16BBG RENESAS-82P2816A16BBG Datasheet
1Mb / 147P
16(1) Channel High-Density T1/E1/J1 Line Interface Unit
September 3, 2015
More results


Similar Description - 82P2816BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82P2808 IDT-IDT82P2808 Datasheet
1Mb / 144P
8(1) Channel High-Density T1/E1/J1 Line Interface Unit
IDT82P2816 IDT-IDT82P2816 Datasheet
1Mb / 146P
16(1) Channel High-Density T1/E1/J1 Line Interface Unit
IDT82P2821 IDT-IDT82P2821 Datasheet
1Mb / 151P
21(1) Channel High-Density T1/E1/J1 Line Interface Unit
IDT82P2828 IDT-IDT82P2828 Datasheet
1Mb / 154P
28(1) Channel High-Density T1/E1/J1 Line Interface Unit
IDT82P2916 IDT-IDT82P2916 Datasheet
1Mb / 138P
16-Channel High-Density T1/E1/J1 Line Interface Unit
IDT82P2821 IDT-IDT82P2821_09 Datasheet
1Mb / 151P
nul21(1) Channel High-Density T1/E1/J1 Line Interface Unit
logo
Renesas Technology Corp
IDT82P2816A RENESAS-IDT82P2816A Datasheet
1Mb / 147P
16(1) Channel High-Density T1/E1/J1 Line Interface Unit
September 3, 2015
IDT82P2821 RENESAS-IDT82P2821 Datasheet
1Mb / 152P
21(1) Channel High-Density T1/E1/J1 Line Interface Unit
February 6, 2009
IDT82P2828 RENESAS-IDT82P2828 Datasheet
1Mb / 154P
28(1) Channel High-Density T1/E1/J1 Line Interface Unit
February 6, 2009
IDT82P2916 RENESAS-IDT82P2916 Datasheet
1Mb / 138P
16-Channel High-Density T1/E1/J1 Line Interface Unit
August 22, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com