Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLD7002-16SHIELD Datasheet (PDF) - Infineon Technologies AG

TLD7002-16SHIELD Datasheet PDF - Infineon Technologies AG
Part # TLD7002-16SHIELD
Download  TLD7002-16SHIELD Download
File Size   1764.78 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Initial release

TLD7002-16SHIELD Datasheet (PDF)

Go To PDF Page Download Datasheet
TLD7002-16SHIELD Datasheet PDF - Infineon Technologies AG

Part # TLD7002-16SHIELD
Download  TLD7002-16SHIELD Click to download

File Size   1764.78 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Initial release

TLD7002-16SHIELD Datasheet (HTML) - Infineon Technologies AG


TLD7002-16SHIELD Product details

1 Description
The core of the shields is the TLD7002-16ES which features:
• Output current up to 16 x 76.5 mA
• UART over CAN interface up to 2 Mbit/s compliant with ISO11898-2 (2016) CAN physical layer
• 16 independent 14-bit PWM engines from 100 Hz up to 2 kHz
• Integrated diagnostics for load monitoring and device fault monitor
• ISO26262 compliant development up to ASIL B
The only needed connection from Arduino to drive 16 mid power LEDs is an UART interface and optionally the
TLD7002-16ES GPIN0 pin, which acts as a chip-select during the TLD7002-16ES one time programmable (OTP)
memory programming/emulation.




Similar Part No. - TLD7002-16SHIELD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD7002-16ES INFINEON-TLD7002-16ES Datasheet
2Mb / 82P
LITIX™ Pixel Rear Multi-channel LED driver
Rev.1.00 2022-05-03
TLD7002-16LITE_KIT INFINEON-TLD7002-16LITE_KIT Datasheet
1Mb / 17P
LITIX™ Pixel Rear Multi-channel LED driver Z8F80321004
Rev.1.01 2022-09-22
More results


Similar Description - TLD7002-16SHIELD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPU-9150A ETC2-MPU-9150A Datasheet
3Mb / 52P
Initial Release of Product Specification
logo
Laird Tech Smart Techno...
MSD45N LSTD-MSD45N Datasheet
890Kb / 25P
Initial Release
66T0190-80P LSTD-66T0190-80P Datasheet
49Kb / 1P
INITIAL PERMEABILITY
logo
TE Connectivity Ltd
C-2272229 TEC-C-2272229 Datasheet
138Kb / 1P
INITIAL RELEASE
C-734251 TEC-C-734251 Datasheet
462Kb / 1P
INITIAL RELEASE
C-2834067 TEC-C-2834067 Datasheet
311Kb / 3P
INITIAL RELEASE
logo
CUI INC
AMT-08C-2-036 CUI-AMT-08C-2-036 Datasheet
124Kb / 1P
INITIAL RELEASE
08/18/2020
AMT-14C-0-020-USB CUI-AMT-14C-0-020-USB_V01 Datasheet
132Kb / 1P
initial release
4/15/2020
logo
Times Microwave Systems...
AA-12121 TIMES-AA-12121 Datasheet
156Kb / 1P
Initial Release – CDC 63277
Rev. A Date 11/21/22
logo
WIZnet Co., Ltd
WIZ550IO WIZNET-WIZ550IO Datasheet
501Kb / 8P
Initial Release
1.0.0 2013-08-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com