Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AUP1G18GS Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G18GS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G18GS
Download  74AUP1G18GS Download
File Size   280.14 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 1-of-2 demultiplexer with 3-state deselected output

74AUP1G18GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G18GS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G18GS
Download  74AUP1G18GS Click to download

File Size   280.14 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 1-of-2 demultiplexer with 3-state deselected output

74AUP1G18GS Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G18GS Product details

1. General description
The 74AUP1G18 is a 1-to-2 demultiplexer with a 3-state outputs. The device buffers the data on
input A and passes it to output 1Y or 2Y, depending on whether the state of the select input (S) is
LOW or HIGH. The unused output assumes the high impedence OFF-state. Schmitt-trigger action
at all inputs makes the circuit tolerant of slower input rise and fall times. This device ensures very
low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This
device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables
the output, preventing the potentially damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G18GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G18GF NXP-74AUP1G18GF Datasheet
104Kb / 19P
Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
74AUP1G18GM NXP-74AUP1G18GM Datasheet
104Kb / 19P
Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
74AUP1G18GW NXP-74AUP1G18GW Datasheet
104Kb / 19P
Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
More results


Similar Description - 74AUP1G18GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74AUP1G18 NXP-74AUP1G18 Datasheet
104Kb / 19P
Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74AUP1G18 PHILIPS-74AUP1G18_15 Datasheet
214Kb / 22P
Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 5-3 July 2012
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Texas Instruments
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
1-of-2 non-inverting demultiplexer with 3-state deselected output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com