Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AUP1G98 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G98 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G98
Download  74AUP1G98 Download
File Size   293.18 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power configurable multiple function gate

74AUP1G98 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G98 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G98
Download  74AUP1G98 Click to download

File Size   293.18 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power configurable multiple function gate

74AUP1G98 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G98 Product details

1. General description
The 74AUP1G98 is a configurable multiple function gate with Schmitt-trigger inputs. The device
can be configured as any of the following logic functions MUX, AND, OR, NAND, NOR, inverter
and buffer; using the 3-bit input. All inputs can be connected directly to VCC or GND. This device
ensures very low static and dynamic power consumption across the entire VCC range from 0.8 V to
3.6 V. This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G98

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G98 NXP-74AUP1G98 Datasheet
109Kb / 19P
Low-power configurable multiple function gate
Rev. 03-29 June 2009
logo
Fairchild Semiconductor
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
logo
Diodes Incorporated
74AUP1G98 DIODES-74AUP1G98 Datasheet
619Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
logo
ON Semiconductor
74AUP1G98 ONSEMI-74AUP1G98 Datasheet
593Kb / 13P
Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
74AUP1G98FHX FAIRCHILD-74AUP1G98FHX Datasheet
575Kb / 11P
TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
More results


Similar Description - 74AUP1G98

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
Low-power configurable multiple function gate
Rev. 6-10 January 2011
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
Low-power configurable multiple function gate
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
Low-power configurable multiple function gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com