Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2162821032 Datasheet (PDF) - Molex Electronics Ltd.

2162821032 Datasheet PDF - Molex Electronics Ltd.
Part # 2162821032
Download  2162821032 Download
File Size   353.82 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MX150 P-P SR 3ckt 300mm Sn sealed cable

2162821032 Datasheet (PDF)

Go To PDF Page Download Datasheet
2162821032 Datasheet PDF - Molex Electronics Ltd.

Part # 2162821032
Download  2162821032 Click to download

File Size   353.82 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MX150 P-P SR 3ckt 300mm Sn sealed cable

2162821032 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2162821032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2162821021 MOLEX-2162821021 Datasheet
305Kb / 1P
MX150 P-P SR 2ckt 600mm Sn sealed cable
2022/09/14
2162821022 MOLEX-2162821022 Datasheet
305Kb / 1P
MX150 P-P SR 2ckt 600mm Sn sealed cable
2022/09/14
2162821023 MOLEX-2162821023 Datasheet
305Kb / 1P
MX150 P-P SR 2ckt 600mm Sn sealed cable
2022/09/14
More results


Similar Description - 2162821032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2162871062 MOLEX-2162871062 Datasheet
368Kb / 1P
MX150 P-P DR 6¢ckt 300mm Sn sealed cable
2020/08/31
2147521033 MOLEX-2147521033 Datasheet
308Kb / 1P
MICROFIT 3.0 SR P-P 3CKT 150 MM Sn
2020/05/14
2162821023 MOLEX-2162821023 Datasheet
305Kb / 1P
MX150 P-P SR 2ckt 600mm Sn sealed cable
2022/09/14
2162831031 MOLEX-2162831031 Datasheet
345Kb / 1P
MX150 P-S SR 3ckt 150mm Sn sealed cable
2020/08/31
2166221033 MOLEX-2166221033 Datasheet
365Kb / 1P
SQUBA3.6 P-P 3CKT 600MM Sn
2020/07/08
2153121031 MOLEX-2153121031 Datasheet
314Kb / 1P
MizuP25 P-P 3ckt 150mm Sn
2020/07/20
2162801031 MOLEX-2162801031 Datasheet
405Kb / 1P
MX150 R-R SR 3ckt 150mm Sn sealed cable
2020/08/31
2162811031 MOLEX-2162811031 Datasheet
373Kb / 1P
MX150 R-S SR 3ckt 150mm Sn sealed cable
2020/08/31
2162831021 MOLEX-2162831021 Datasheet
298Kb / 1P
MX150 P-S SR 2ckt 150mm Sn sealed cable
2022/09/14
2162871041 MOLEX-2162871041 Datasheet
337Kb / 1P
MX150 P-P DR 4ckt 150mm Sn sealed cable
2020/08/31
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com