Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RCMM101R22JKA20 Datasheet (PDF) - Vishay Siliconix

RCMM101R22JKA20 Datasheet PDF - Vishay Siliconix
Part # RCMM101R22JKA20
Download  RCMM101R22JKA20 Download
File Size   76.91 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded Metal Film Resistors

RCMM101R22JKA20 Datasheet (PDF)

Go To PDF Page Download Datasheet
RCMM101R22JKA20 Datasheet PDF - Vishay Siliconix

Part # RCMM101R22JKA20
Download  RCMM101R22JKA20 Click to download

File Size   76.91 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded Metal Film Resistors

RCMM101R22JKA20 Datasheet (HTML) - Vishay Siliconix


RCMM101R22JKA20 Product details

FEATURES
• 0.25 W to 1 W at 70 °C
• According to NF C 83-230 (RC21U-31U-41U-32)
• According to CECC 40 100
• High insulation > 107 MΩ
• Great mechanical strength
• Termination = pure matte tin
• Material categorization: for definitions of compliance




Similar Part No. - RCMM101R22JKA20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMM1 VISHAY-RCMM1 Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
More results


Similar Description - RCMM101R22JKA20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
RCMX02 VISHAY-RCMX02 Datasheet
134Kb / 3P
Molded Metal Film High Ohmic Value Resistors
05-Aug-13
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
Metal Film Resistors
logo
American Accurate Compo...
RN50R100BM AAC-RN50R100BM Datasheet
141Kb / 2P
RN Series Molded Metal Film High Precision Resistors
SRN55U100KTM AAC-SRN55U100KTM Datasheet
73Kb / 1P
SRN Series Ultra Precision Molded Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
Molded Metal Film High Stability Resistors
02-Oct-09
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
Ultra Precision Molded Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com