Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IES01 Datasheet (PDF) - XP Power Limited

IES01 Datasheet PDF - XP Power Limited
Part # IES01
Download  IES01 Download
File Size   2140.42 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-DC C ONVERTER

IES01 Datasheet (PDF)

Go To PDF Page Download Datasheet
IES01 Datasheet PDF - XP Power Limited

Part # IES01
Download  IES01 Click to download

File Size   2140.42 Kbytes
Page   6 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-DC C ONVERTER

IES01 Datasheet (HTML) - XP Power Limited


IES01 Product details

The single output IES01 series is an ideal solution for isolating voltage rails in a distributed
power supply architecture such as analog, digital, data and relay circuits. This product family
offers a compact design with high efficiency, 1.5kV isolation with 3.0kV optional, short
circuit protection and high operating temperature.

Features
• Unregulated single output
• ±10% input range
• Single outputs 3.3 to 24VDC
• SMD8 DIP package
• 1.5kVDC isolation, 3kVDC option
• UL62368-1 safety approvals(3)
• Continuous short circuit protection
• Operating temperature -40°C to +105°C
• Full load to 100°C
• 3 year warranty




Similar Part No. - IES01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IES01 XPPOWER-IES01 Datasheet
520Kb / 4P
DC-DC Converter
IES0105S03 XPPOWER-IES0105S03 Datasheet
520Kb / 4P
DC-DC Converter
IES0105S05 XPPOWER-IES0105S05 Datasheet
520Kb / 4P
DC-DC Converter
IES0105S06 XPPOWER-IES0105S06 Datasheet
520Kb / 4P
DC-DC Converter
IES0105S09 XPPOWER-IES0105S09 Datasheet
520Kb / 4P
DC-DC Converter
More results


Similar Description - IES01

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL20C ARTESYN-SIL20C Datasheet
205Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL40C ARTESYN-SIL40C Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT40C ARTESYN-SMT40C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL20C EMERSON-NETWORKPOWER-SIL20C Datasheet
205Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL25C EMERSON-NETWORKPOWER-SIL25C Datasheet
689Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
XP Power Limited
IAB01 XPPOWER-IAB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
IEB01 XPPOWER-IEB01 Datasheet
1Mb / 5P
DC-DC C ONVERTER
20 July 2022
IVB01 XPPOWER-IVB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
JMR03 XPPOWER-JMR03 Datasheet
1Mb / 5P
DC-DC C ONVERTER
10 March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com