Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TZ0699A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0699A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0699A
Download  TZ0699A Download
File Size   257.62 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49-SMD 16.000MHz Crystal Resonator

TZ0699A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0699A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0699A
Download  TZ0699A Click to download

File Size   257.62 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49-SMD 16.000MHz Crystal Resonator

TZ0699A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TZ0699A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0691A TAI-SAW-TZ0691A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 3
TZ0692A TAI-SAW-TZ0692A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 3
TZ0692B TAI-SAW-TZ0692B Datasheet
165Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 4
TZ0692C TAI-SAW-TZ0692C Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 3
TZ0693A TAI-SAW-TZ0693A Datasheet
182Kb / 5P
SMD 5.0x3.2 15.36MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ0699A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0277A TAI-SAW-TZ0277A Datasheet
287Kb / 3P
16.000MHz Crystal Resonator
REV. NO.: 2.0
TZ0512A TAI-SAW-TZ0512A Datasheet
251Kb / 3P
HC49-SMD 24.576MHz Crystal Resonator
REV. NO.: 3.0
TZ0515A TAI-SAW-TZ0515A Datasheet
261Kb / 3P
HC49-SMD 12.000MHz Crystal Resonator
REV. NO.: 2.0
TZ0694A TAI-SAW-TZ0694A Datasheet
257Kb / 4P
HC49-SMD 4.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0695A TAI-SAW-TZ0695A Datasheet
257Kb / 4P
HC49-SMD 5.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0696A TAI-SAW-TZ0696A Datasheet
257Kb / 4P
HC49-SMD 8.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0697A TAI-SAW-TZ0697A Datasheet
257Kb / 4P
HC49-SMD 10.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0819A TAI-SAW-TZ0819A Datasheet
246Kb / 3P
HC49-SMD 64.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0851A TAI-SAW-TZ0851A Datasheet
246Kb / 3P
HC49-SMD 25.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0852A TAI-SAW-TZ0852A Datasheet
246Kb / 3P
HC49-SMD 30.000MHz Crystal Resonator
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com