|
FEATURES
4G (LTE) – Cat 4 up to 150 Mbps, 3G – Up to 42 Mbps, 2G – Up to 236.8 kbps
Direct connection (bridge) between mobile ISP and device on LAN
SMS status, SMS configuration, send/read SMS via HTTP POST/GET, EMAIL to SMS, SMS to EMAIL, SMS to HTTP, SMS to SMS,
scheduled SMS, SMS autoreply, SMPP
Supports sending and reading Unstructured Supplementary Service Data messages
Operator black/white list
Possibility to use different PDNs for multiple network access and services
Band lock, Used band status display
APN Auto APN
Multiple PDN
Band management
SSID stealth mode and access control based on MAC address
WiFi users Up to 50 simultaneous connections
SSID/ESSID
USSD
Black/White list
Static routing, Dynamic routing (BGP, OSPF v2, RIP v1/v2, NHRP)
Static and dynamic IP allocation, DHCP Relay, Relayd
TCP, UDP, IPv4, IPv6, ICMP, NTP, DNS, HTTP, HTTPS, FTP, SMTP, SSL v3, TLS, ARP, VRRP, PPP, PPPoE, UPNP, SSH, DHCP, Telnet,
SMPP, SMNP, MQTT, Wake On Lan (WOL)
H.323 and SIP-alg protocol NAT helpers, allowing proper routing of VoIP packets
Connection monitoring Ping Reboot, Wget Reboot, Periodic Reboot, LCP and ICMP for link inspection
Network protocols
VoIP passthrough support
Routing
DHCP
Port forward, traffic rules, custom rules
Traffic priority queuing by source/destination, service, protocol or port, WMM, 802.11e
Supported >25 service providers, others can be configured manually
WiFi WAN, Mobile, VRRP, Wired options, each of which can be used as an automatic Failover
Load balancing Balance Internet traffic over multiple WAN connections
DDNS
Network backup
Hotspot Internal/external Radius server, captive portal, built in customizable landing page
Firewall
QoS / Smart Queue
Management (SQM)
Status Signal strength (RSSI), SINR, RSRP, RSRQ, EC/IO, RSCP, Bytes sent/received, connected band, IMSI, ICCID
Bridge
WPA2-Enterprise - PEAP, WPA2-PSK, WEP, WPA-EAP, WPA-PSK; AES-CCMP, TKIP, Auto Cipher modes, client separation
Wireless mode IEEE 802.11b/g/n, Access Point (AP), Station (STA)
WiFi security
1 x LAN port, 10/100 Mbps, compliance with IEEE 802.3, IEEE 802.3u standards, supports auto MDI/MDIX
WAN 1 x WAN port 10/100 Mbps, compliance IEEE 802.3, IEEE 802.3u standards, supports auto MDI/MDIX
LAN
SMS
MOBILE
Mobile module
WIRELESS
ETHERNET
NETWORK
Passthrough Router assigns its mobile WAN IP address to another device on LAN
Wireless Hotspot Captive portal (Hotspot), internal/external Radius server, built in customizable landing page
SSHFS Possibility to mount remote file system via SSH protocol
Pre-shared key, digital certificates, X.509 certificates, TACACS+, Radius, IP & Login attempts block
Pre-configured firewall rules can be enabled via WebUI, unlimited firewall configuration via CLI; DMZ; NAT; NAT-T
DDOS prevention (SYN flood protection, SSH attack prevention, HTTP/HTTPS attack prevention), port scan prevention (SYN-FIN,
SYN-RST, X-mas, NULL flags, FIN scan attacks)
Attack prevention
Authentication
Firewall
Port and tag based VLAN separation
Custom data limits for SIM card
VLAN
Mobile quota control
Blacklist for blocking out unwanted websites, Whitelist for specifying allowed sites only
Flexible access control of TCP, UDP, ICMP packets, MAC address filter
WEB filter
Access control
SECURITY
|