Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX3TS-1464R Datasheet (PDF) - List of Unclassifed Manufacturers

PX3TS-1464R Datasheet PDF - List of Unclassifed Manufacturers
Part # PX3TS-1464R
Download  PX3TS-1464R Download
File Size   520.66 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Intelligent Rack Transfer Switch

PX3TS-1464R Datasheet (PDF)

Go To PDF Page Download Datasheet
PX3TS-1464R Datasheet PDF - List of Unclassifed Manufacturers

Part # PX3TS-1464R
Download  PX3TS-1464R Click to download

File Size   520.66 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Intelligent Rack Transfer Switch

PX3TS-1464R Datasheet (HTML) - List of Unclassifed Manufacturers


PX3TS-1464R Product details

Features
* Fast transfer: Load transfer times
4 – 8ms.
* Reliable transfer between
sources regardless of phase.
* Over-sized relays (rated 48A)
and SCRs (rated 70A).
* Eliminates electrical arcing that
leads to transfer relay failure.
* 3.3mm vs. typical 0.6mm air gap
to prevent arcing due to surges.
* Inlet surge protection and field
replaceable, fast-blow fuses
for short circuit protection.
* Energy metering and power
quality monitoring.
* User configurable thresholds
for power quality.
* Ethernet, Modbus and SNMP
networking.
* USB ports for Wi-Fi, camera,
tablet, and cascading.
* Alarm and status updates via
GSM text, email and syslog.
* Supports Raritan plug-and-play
environment sensors.
* Runs in up to 60ºC(UL), 50º C(CE)
environment at 85% RH.
* Energy efficient and produces
less heat.
* 20W power consumption.




Similar Part No. - PX3TS-1464R

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
PX3 HONEYWELL-ACC-PX3 Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
10/16
PX3 HONEYWELL-ACC-PX3 Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
2/17
logo
Honeywell Solid State E...
PX3 HONEYWELL-PX3 Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
Issue D 06/17
logo
FLEXTRAL
PX300 FLEXTRAL-PX300 Datasheet
1,015Kb / 1P
PX300 PREMIUM COMPACT WIRE BRAID PRO-SHIELD®
V04.21
PX300-04PS FLEXTRAL-PX300-04PS Datasheet
1,015Kb / 1P
PX300 PREMIUM COMPACT WIRE BRAID PRO-SHIELD®
V04.21
More results


Similar Description - PX3TS-1464R

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0347 DAICO-100C0347 Datasheet
118Kb / 1P
Transfer Switch
DSWT2180 DAICO-DSWT2180 Datasheet
148Kb / 1P
Transfer Switch
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
List of Unclassifed Man...
AP7722 ETC2-AP7722 Datasheet
17Kb / 1P
Rack Automatic Transfer Switch
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
Transfer Switch
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com