Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CGP7C103JLSDDA7301 Datasheet (PDF) - Kemet Corporation

CGP7C103JLSDDA7301 Datasheet PDF - Kemet Corporation
Part # CGP7C103JLSDDA7301
Download  CGP7C103JLSDDA7301 Download
File Size   1827.01 Kbytes
Page   21 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description General Purpose Disc, CGP Series, 1,000 - 10,000 VDC (Commercial Grade)

CGP7C103JLSDDA7301 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGP7C103JLSDDA7301 Datasheet PDF - Kemet Corporation

Part # CGP7C103JLSDDA7301
Download  CGP7C103JLSDDA7301 Click to download

File Size   1827.01 Kbytes
Page   21 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description General Purpose Disc, CGP Series, 1,000 - 10,000 VDC (Commercial Grade)

CGP7C103JLSDDA7301 Datasheet (HTML) - Kemet Corporation


CGP7C103JLSDDA7301 Product details

Benefits
• Operating temperature range of −25°C to +85°C
• DC voltage ratings of 1 KV, 2 KV, 3 KV, 4 KV, 6 KV, 8 KV and 10KV
• Capacitance offerings ranging from 5.1 pF up to 10 nF
• Available capacitance tolerances of ±5%, ±10%, and ±20%
• 5.0 mm, 7.5 mm, 10 mm, and 12.5mm lead spacing
• Preformed (crimped) or straight lead configurations
• Lead(Pb)-free and RoHS Compliant
• Halogen-free
• Non-polar device, minimizing installation concerns




Similar Part No. - CGP7C103JLSDDA7301

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
CGP700W NOVA-CGP700W Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP700W-12-120 NOVA-CGP700W-12-120 Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP700W-12-220 NOVA-CGP700W-12-220 Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP700W-24-120 NOVA-CGP700W-24-120 Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
CGP700W-24-220 NOVA-CGP700W-24-220 Datasheet
480Kb / 2P
PURE-SINEWAVE DC-AC INVERTERS
More results


Similar Description - CGP7C103JLSDDA7301

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
562R5HKZS10 VISHAY-562R5HKZS10 Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
07-Feb-13
561R562R VISHAY-561R562R Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 Vdc General Purpose
07-Feb-13
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
07-Jan-10
logo
Mallory performance clu...
GE151K MALLORY-GE151K Datasheet
469Kb / 3P
General Purpose Disc Ceramic Capacitors
logo
Vishay Siliconix
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
07-Jan-10
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
07-Jan-10
logo
Kemet Corporation
C1812V104KDRACTU KEMET-C1812V104KDRACTU Datasheet
3Mb / 22P
ArcShield Technology, High Voltage, X7R Dielectric,500 1,000 VDC (Commercial & Automotive Grade)
C0603W392KCRACTU KEMET-C0603W392KCRACTU Datasheet
1Mb / 23P
ArcShield Technology, High Voltage, X7R Dielectric, 500 - 1,000 VDC (Commercial & Automotive Grade)
logo
Vishay Siliconix
562R VISHAY-562R Datasheet
96Kb / 5P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
23-Jul-2021
logo
Kemet Corporation
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com