Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMEG150G20ELP Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG150G20ELP Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG150G20ELP
Download  PMEG150G20ELP Download
File Size   250.96 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 150 V, 2 A Silicon Germanium (SiGe) rectifier

PMEG150G20ELP Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG150G20ELP Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG150G20ELP
Download  PMEG150G20ELP Click to download

File Size   250.96 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 150 V, 2 A Silicon Germanium (SiGe) rectifier

PMEG150G20ELP Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG150G20ELP Product details

Features
• Low forward voltage and low Qrr
• Extremely low leakage current
• Thermal stability up to 175 °C junction temperature
• Fast and smooth switching
• Low parasitic capacitance
• AEC-Q101 qualified

Benefits
• Excellent efficiency
• Extraordinary safe operating area
• Minimal impact on Electro-Magnetic Compatibility (EMC)
allowing simplified certification




Similar Part No. - PMEG150G20ELP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG150G20ELP NEXPERIA-PMEG150G20ELP Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PMEG150G20ELP NEXPERIA-PMEG150G20ELP Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
PMEG150G20ELP-Q NEXPERIA-PMEG150G20ELP-Q Datasheet
252Kb / 14P
150 V, 2 A Silicon Germanium (SiGe) rectifier
14 May 2021
PMEG150G20ELPX NEXPERIA-PMEG150G20ELPX Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results


Similar Description - PMEG150G20ELP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG150G10ELR-Q NEXPERIA-PMEG150G10ELR-Q Datasheet
258Kb / 14P
150 V, 1 A Silicon Germanium (SiGe) rectifier
14 May 2021
PMEG150G30ELP-Q NEXPERIA-PMEG150G30ELP-Q Datasheet
253Kb / 14P
150 V, 3 A Silicon Germanium (SiGe) rectifier
14 May 2021
PMEG150G20ELP-Q NEXPERIA-PMEG150G20ELP-Q Datasheet
252Kb / 14P
150 V, 2 A Silicon Germanium (SiGe) rectifier
14 May 2021
PMEG150G20ELR-Q NEXPERIA-PMEG150G20ELR-Q Datasheet
258Kb / 14P
150 V, 2 A Silicon Germanium (SiGe) rectifier
14 May 2021
PMEG200G20ELP-Q NEXPERIA-PMEG200G20ELP-Q Datasheet
251Kb / 14P
200 V, 2 A Silicon Germanium (SiGe) rectifier
17 May 2021
PMEG150G20ELR NEXPERIA-PMEG150G20ELR Datasheet
257Kb / 14P
150 V, 2 A Silicon Germanium (SiGe) rectifier
22 June 2020
PMEG150G30ELP NEXPERIA-PMEG150G30ELP Datasheet
252Kb / 14P
150 V, 3 A Silicon Germanium (SiGe) rectifier
22 June 2020
PMEG200G20ELP NEXPERIA-PMEG200G20ELP Datasheet
250Kb / 14P
200 V, 2 A Silicon Germanium (SiGe) rectifier
22 June 2020
PMEG120G20ELP NEXPERIA-PMEG120G20ELP Datasheet
250Kb / 14P
120 V, 2 A Silicon Germanium (SiGe) rectifier
26 May 2020
PMEG150G10ELR NEXPERIA-PMEG150G10ELR Datasheet
258Kb / 14P
150 V, 1 A Silicon Germanium (SiGe) rectifier
28 July 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com