Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA2-2620-2 Datasheet (PDF) - Renesas Technology Corp

HA2-2620-2 Datasheet PDF - Renesas Technology Corp
Part # HA2-2620-2
Download  HA2-2620-2 Download
File Size   273.69 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier

HA2-2620-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA2-2620-2 Datasheet PDF - Renesas Technology Corp

Part # HA2-2620-2
Download  HA2-2620-2 Click to download

File Size   273.69 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier

HA2-2620-2 Datasheet (HTML) - Renesas Technology Corp


HA2-2620-2 Product details

Features
• Gain bandwidth product (AV ≥ 5): 100MHz
• High input impedance: 500MΩ
• Low input bias current: 1nA
• Low input offset current: 1nA
• Low input offset voltage: 3mV
• High gain: 150kV/V
• Slew rate: 35V/μs
• Output short-circuit protection
• Compensation pin for unity gain capability




Similar Part No. - HA2-2620-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-2620-2 INTERSIL-HA2-2620-2 Datasheet
120Kb / 10P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
logo
Harris Corporation
HA2-2620-2 HARRIS-HA2-2620-2 Datasheet
263Kb / 7P
Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA2-2620-2 INTERSIL-HA2-2620-2 Datasheet
317Kb / 10P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
January 16, 2006
More results


Similar Description - HA2-2620-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
August 1999
HS-2620RH INTERSIL-HS-2620RH Datasheet
78Kb / 5P
Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
August 1999
logo
Harris Corporation
HA-2622 HARRIS-HA-2622 Datasheet
263Kb / 7P
Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA-2602883 INTERSIL-HA-2602883 Datasheet
152Kb / 5P
Wideband, High Impedance Operational Amplifier
October 2004
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
January 16, 2006
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
November 30, 2005
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com