Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP60N04VLK Datasheet (PDF) - Renesas Technology Corp

NP60N04VLK Datasheet PDF - Renesas Technology Corp
Part # NP60N04VLK_V01
Download  NP60N04VLK Download
File Size   577.74 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40 V – 60 A – N-channel Power MOS FET Application: Automotive

NP60N04VLK Datasheet (PDF)

Go To PDF Page Download Datasheet
NP60N04VLK Datasheet PDF - Renesas Technology Corp

Part # NP60N04VLK_V01
Download  NP60N04VLK Click to download

File Size   577.74 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40 V – 60 A – N-channel Power MOS FET Application: Automotive

NP60N04VLK Datasheet (HTML) - Renesas Technology Corp


NP60N04VLK Product details

Description
The NP60N04VLK is N-channel MOS Field Effect Transistors designed for high current switching applications.
Features
 Super low on-state resistance
RDS(on) = 3.9 m MAX. (VGS = 10 V, ID = 30 A)
 Low Ciss: Ciss = 2450 pF TYP. (VDS = 25 V)
 Logic level drive type
 Designed for automotive application and AEC-Q101 qualified




Similar Part No. - NP60N04VLK_V01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N04VLK-E1-AY RENESAS-NP60N04VLK-E1-AY Datasheet
336Kb / 8P
N-channel Power MOS FET
NP60N04VLK-E2-AY RENESAS-NP60N04VLK-E2-AY Datasheet
336Kb / 8P
N-channel Power MOS FET
More results


Similar Description - NP60N04VLK_V01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N04PDK RENESAS-NP60N04PDK_15 Datasheet
114Kb / 8P
40 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N04VDK RENESAS-NP60N04VDK_15 Datasheet
114Kb / 8P
40 V ??60 A ??N-channel Power MOS FET Application: Automotive
N60N04VDK RENESAS-N60N04VDK Datasheet
272Kb / 8P
40 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N60VDK RENESAS-NP60N60VDK Datasheet
442Kb / 9P
60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N04PDK RENESAS-NP60N04PDK Datasheet
278Kb / 8P
40 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N04VDK RENESAS-NP60N04VDK Datasheet
271Kb / 8P
40 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06MLK RENESAS-NP60N06MLK_V01 Datasheet
445Kb / 9P
60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PDK RENESAS-NP60N06PDK_V01 Datasheet
528Kb / 9P
60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06VDK RENESAS-NP60N06VDK_V01 Datasheet
442Kb / 9P
60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06VLK RENESAS-NP60N06VLK_V01 Datasheet
446Kb / 9P
60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com