Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF6V2010N Datasheet (PDF) - Freescale Semiconductor, Inc

MRF6V2010N Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF6V2010N
Download  MRF6V2010N Download
File Size   298.83 Kbytes
Page   9 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor

MRF6V2010N Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF6V2010N Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF6V2010N
Download  MRF6V2010N Click to download

File Size   298.83 Kbytes
Page   9 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor

MRF6V2010N Datasheet (HTML) - Freescale Semiconductor, Inc


MRF6V2010N Product details

10-450 MHz, 10 W, 50 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs

Designed primarily for pulsed wideband large - signal output and driver applications with frequencies up to 450 MHz. Devices are unmatched and are suitable for use in industrial, medical and scientific applications.

• Typical CW Performance at 220 MHz: VDD = 50 Volts, IDQ = 35 mA, Pout = 10 Watts
   Power Gain — 25 dB
   Drain Efficiency — 64%
• Capable of Handling 10:1 VSWR, @ 50 Vdc, 220 MHz, 10 Watts CW Output Power

Features
• Integrated ESD Protection
• Excellent Thermal Stability
• Facilitates Manual Gain Control, ALC and Modulation Techniques
• 225°C Capable Plastic Package
• RoHS Compliant




Similar Part No. - MRF6V2010N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6V2010NBR1 FREESCALE-MRF6V2010NBR1 Datasheet
592Kb / 15P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2010NBR1 FREESCALE-MRF6V2010NBR1 Datasheet
1,014Kb / 21P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2010NR1 FREESCALE-MRF6V2010NR1 Datasheet
592Kb / 15P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2010NR1 FREESCALE-MRF6V2010NR1 Datasheet
1,014Kb / 21P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2010NR1 FREESCALE-MRF6V2010NR1_08 Datasheet
1,014Kb / 21P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Similar Description - MRF6V2010N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com