Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CKSAD3B1131P Datasheet (PDF) - Lorlin Electronics Ltd.

CKSAD3B1131P Datasheet PDF - Lorlin Electronics Ltd.
Part # CKSAD3B1131P
Download  CKSAD3B1131P Download
File Size   686.87 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE

CKSAD3B1131P Datasheet (PDF)

Go To PDF Page Download Datasheet
CKSAD3B1131P Datasheet PDF - Lorlin Electronics Ltd.

Part # CKSAD3B1131P
Download  CKSAD3B1131P Click to download

File Size   686.87 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE

CKSAD3B1131P Datasheet (HTML) - Lorlin Electronics Ltd.


CKSAD3B1131P Product details

FEATURES
All contacts are non-shorting
BBM (break before make)
30°, 60° or 90° switch indexing
8-disc lock – anti-pick
Single wafer switch
Up to 4 poles per switch
Solder or PCB terminals
Gold flashed or gold
plated also available
2 keys per switch as standard
Key removeable at 30° 60° or 90°
Common or differ keys
2000 combinations
Master key system available
Two stage assembly: Lock
through front and the module
attaches by bracket from the
inside
Max panel thickness 3.0mm




Similar Part No. - CKSAD3B1131P

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
CKSAAAAAAAA LORLIN-CKSAAAAAAAA Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
CKSAAAAAAAB LORLIN-CKSAAAAAAAB Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
CKSAAAAAABA LORLIN-CKSAAAAAABA Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
CKSAAAAAABB LORLIN-CKSAAAAAABB Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
CKSAAAAABAA LORLIN-CKSAAAAABAA Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
More results


Similar Description - CKSAD3B1131P

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1291 RFMD-RF1291 Datasheet
144Kb / 2P
SWITCH FILTER MODULE WITH
logo
List of Unclassifed Man...
CK1048 ETC1-CK1048 Datasheet
922Kb / 4P
CK ROTARY SWITCH
logo
Lorlin Electronics Ltd.
CKAAAAAA LORLIN-CKAAAAAA Datasheet
924Kb / 4P
CK ROTARY SWITCH
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
HRL LORLIN-HRL Datasheet
761Kb / 2P
HRL LOCK SWITCH
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
RALM LORLIN-RALM Datasheet
825Kb / 3P
RAL LOCK SWITCH WITH A MAINSWITCH MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com