Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

15435394A9042 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

15435394A9042 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 15435394A9042
Download  15435394A9042 Download
File Size   1172.56 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-SIQW SMT Infrared QFN LED Waterclear

15435394A9042 Datasheet (PDF)

Go To PDF Page Download Datasheet
15435394A9042 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 15435394A9042
Download  15435394A9042 Click to download

File Size   1172.56 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-SIQW SMT Infrared QFN LED Waterclear

15435394A9042 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


15435394A9042 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 90 % RH
Storage Conditions (for single
parts) -40 up to +85 °C
Moisture Sensitivity Level (MSL) 3




Similar Part No. - 15435394A9042

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
15435394A9040 WURTH-15435394A9040 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
More results


Similar Description - 15435394A9042

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
15435385A9042 WURTH-15435385A9042 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
15427285BA240 WURTH-15427285BA240 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
15427285BA242 WURTH-15427285BA242 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
15427294BA240 WURTH-15427294BA240 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
15427294BA242 WURTH-15427294BA242 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
15435385A9040 WURTH-15435385A9040 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
15437385AA540 WURTH-15437385AA540 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
15437385AA542 WURTH-15437385AA542 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
15437394AA540 WURTH-15437394AA540 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
15437394AA542 WURTH-15437394AA542 Datasheet
1Mb / 9P
WL-SIQW SMT Infrared QFN LED Waterclear
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com