Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TZ0844A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0844A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0844A
Download  TZ0844A Download
File Size   160.19 Kbytes
Page   3 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD7x5 16.384 MHz Crystal Resonator

TZ0844A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0844A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0844A
Download  TZ0844A Click to download

File Size   160.19 Kbytes
Page   3 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD7x5 16.384 MHz Crystal Resonator

TZ0844A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TZ0844A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0841A TAI-SAW-TZ0841A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 33.75MHz
REV. NO.: 2
TZ0842A TAI-SAW-TZ0842A Datasheet
197Kb / 5P
SMD 4.0x2.5 14.31818Hz Crystal Unit
REV. NO.: 1
TZ0843A TAI-SAW-TZ0843A Datasheet
160Kb / 3P
SMD7x5 8.192 MHz Crystal Resonator
REV. NO.: 1.0
TZ0848A TAI-SAW-TZ0848A Datasheet
189Kb / 5P
SMD 5.0x3.2 27.456MHz Crystal Unit
REV. NO.: 1
TZ0849A TAI-SAW-TZ0849A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 14.31818MHz
REV. NO.: 3
More results


Similar Description - TZ0844A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0144A TAI-SAW-TZ0144A Datasheet
155Kb / 3P
SMD7x5 12MHz Crystal Resonator
REV. NO.: 3.0
TZ0182A TAI-SAW-TZ0182A Datasheet
170Kb / 3P
SMD7x5 44MHz Crystal Resonator
REV. NO.: 1
TZ0190A TAI-SAW-TZ0190A Datasheet
170Kb / 3P
SMD7x5 10.245MHz Crystal Resonator
REV. NO.: 1
TZ0195A TAI-SAW-TZ0195A Datasheet
174Kb / 3P
SMD7x5 6MHz Crystal Resonator
REV. NO.: 2.0
TZ0201A TAI-SAW-TZ0201A Datasheet
172Kb / 3P
SMD7x5 13.56720MHz Crystal Resonator
REV. NO.: 1.0
TZ0202A TAI-SAW-TZ0202A Datasheet
174Kb / 3P
SMD7x5 6.780000 MHz Crystal Resonator
REV. NO.: 2.0
TZ0203A TAI-SAW-TZ0203A Datasheet
174Kb / 3P
SMD7x5 6.783600 MHz Crystal Resonator
REV. NO.: 2.0
TZ0516A TAI-SAW-TZ0516A Datasheet
180Kb / 3P
SMD7x5 / 2 Pads 16.000 MHz Crystal Resonator
REV. NO.: 2.0
TZ0622A TAI-SAW-TZ0622A Datasheet
170Kb / 3P
SMD7x5 8.000 MHz Crystal Resonator
REV. NO.: 1.0
TZ0843A TAI-SAW-TZ0843A Datasheet
160Kb / 3P
SMD7x5 8.192 MHz Crystal Resonator
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com