Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LV1T86 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV1T86 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV1T86
Download  74LV1T86 Download
File Size   234.03 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input single supply translating EXCLUSIVE-OR gate

74LV1T86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV1T86 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV1T86
Download  74LV1T86 Click to download

File Size   234.03 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input single supply translating EXCLUSIVE-OR gate

74LV1T86 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV1T86 Product details

1. General description
The 74LV1T86 is a single, level translating 2-input Exclusive-OR gate . The low threshold inputs
support 1.8 V input logic at VCC = 3.3 V and can be used in 1.8 V to 3.3 V level up translation.
In addition, the 5 V tolerant input pins enable level down translation (3.3 V to 2.5 V output at
VCC = 2.5 V). The output level is referenced to the supply voltage and supports 1.8 V, 2.5 V, 3.3 V
and 5.0 V CMOS levels. The wide VCC range permits the generation of output levels to connect to
controllers or processors.
2. Features and benefits
• Single supply voltage translator at 1.8 V, 2.5 V, 3.3 V and 5.0 V
• Up translation
• 1.2 V to 1.8 V at VCC = 1.8 V
• 1.5 V to 2.5 V at VCC = 2.5 V
• 1.8 V to 3.3 V at VCC = 3.3 V
• 3.3 V to 5.0 V at VCC = 5.0 V
• Down translation
• 3.3 V to 1.8 V at VCC = 1.8 V
• 3.3 V to 2.5 V at VCC = 2.5 V
• 5.0 V to 3.3 V at VCC = 3.3 V
• 5 V tolerant inputs
• Latch-up performance exceeds 250 mA per JESD 78 Class II
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2000 V
• CDM JESD22-C101F exceeds 1000 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Portable applications
• PC and notebooks
• Industrial controller
• Telecom




Similar Part No. - 74LV1T86

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV1T86 NEXPERIA-74LV1T86 Datasheet
234Kb / 13P
2-input single supply translating EXCLUSIVE-OR gate
Rev. 5 - 14 December 2023
logo
TECH PUBLIC Electronics...
74LV1T86 TECHPUBLIC-74LV1T86 Datasheet
3Mb / 9P
2-input single supply translating EXCLUSIVE-OR gate
logo
Nexperia B.V. All right...
74LV1T86GV NEXPERIA-74LV1T86GV Datasheet
234Kb / 13P
2-input single supply translating EXCLUSIVE-OR gate
Rev. 5 - 14 December 2023
logo
TECH PUBLIC Electronics...
74LV1T86GV-TP TECHPUBLIC-74LV1T86GV-TP Datasheet
3Mb / 9P
2-input single supply translating EXCLUSIVE-OR gate
logo
Nexperia B.V. All right...
74LV1T86GVH NEXPERIA-74LV1T86GVH Datasheet
234Kb / 13P
2-input single supply translating EXCLUSIVE-OR gate
Rev. 5 - 14 December 2023
More results


Similar Description - 74LV1T86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_18 Datasheet
207Kb / 14P
Single 2-Input Exclusive OR Gate
November, 2018 ??Rev. 20
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Nexperia B.V. All right...
74LV1T87 NEXPERIA-74LV1T87 Datasheet
232Kb / 13P
2-input single supply translating EXCLUSIVE-NOR gate
Rev. 4 - 24 February 2022
74LV1T32 NEXPERIA-74LV1T32 Datasheet
229Kb / 12P
2-input single supply translating OR gate
Rev. 4 - 23 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com