Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8389 Datasheet (PDF) - Analog Devices

AD8389 Datasheet PDF - Analog Devices
Part # AD8389
Download  AD8389 Download
File Size   261.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple, 6-Channel LCD Timing Delay-Locked Loop

AD8389 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8389 Datasheet PDF - Analog Devices

Part # AD8389
Download  AD8389 Click to download

File Size   261.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple, 6-Channel LCD Timing Delay-Locked Loop

AD8389 Datasheet (HTML) - Analog Devices


AD8389 Product details

PRODUCT DESCRIPTION

The AD8389 is a triple 6-channel LCD microdisplay delay locked timing loop. As part of a closed-loop system, the AD8389 maintains a constant delay between the common input, DXI, and each independent feedback reference, MONITxI. The AD8389 consists of a selectable fixed delay element, a phase detector, a charge pump, and six matched variable delay lines per color. The phase detector, charge pump, and master delay line form a closed loop when connected to a compatible LCD microdisplay. Five additional delay lines track the master for a complete set of matched timing signals.



PRODUCT FEATURES

High speed

Up to 85 MHz clock rate

Triple (R, G, B) output

Matched delay lines

Low power dissipation: 40 mW

Reference to rising or falling edge of MONITI input

Selectable loop delay

Available in 48-lead 7 mm × 7 mm LFCSP



APPLICATIONS

LCD microdisplay horizontal timing




Similar Part No. - AD8389

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8389 AD-AD8389 Datasheet
262Kb / 12P
Triple, 6-Channel LCD Timing Delay-Locked Loop
REV. 0
AD8389 AD-AD8389_15 Datasheet
262Kb / 12P
Triple, 6-Channel LCD Timing Delay-Locked Loop
REV. 0
More results


Similar Description - AD8389

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX3305 NSC-LMX3305 Datasheet
213Kb / 24P
Triple Phase Locked Loop for RF Personal Communications
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
National Semiconductor ...
LMX3305 NSC-LMX3305_09 Datasheet
627Kb / 26P
Triple Phase Locked Loop for RF Personal Communications
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Analog Devices
AD8389 AD-AD8389_15 Datasheet
262Kb / 12P
Triple, 6-Channel LCD Timing Delay-Locked Loop
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com