Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDT23C15L02 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SDT23C15L02 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SDT23C15L02
Download  SDT23C15L02 Download
File Size   1256.44 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line Bi-directional ESD protection

SDT23C15L02 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDT23C15L02 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SDT23C15L02
Download  SDT23C15L02 Click to download

File Size   1256.44 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line Bi-directional ESD protection

SDT23C15L02 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SDT23C15L02 Product details

Features
150W peak pulse power(8/2Qs)
Ultra low leakage: nA level
Operating voltage: 15V
Low clamping voltage
Complies with following standards:
—|EC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV
—IEC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Lightning) 5A (8/20us)
RoHS Compliant




Similar Part No. - SDT23C15L02

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SDT23C15L02 UMW-SDT23C15L02 Datasheet
373Kb / 5P
IEC61000-4-2 ESD 30KV Air, 30KV contact compliance
More results


Similar Description - SDT23C15L02

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDC5V0 TSC-TESDC5V0 Datasheet
258Kb / 3P
Bi-directional ESD Protection Diode
TESDC24V TSC-TESDC24V Datasheet
190Kb / 3P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD12LCFN2 PANJIT-PJSD12LCFN2 Datasheet
268Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Union Semiconductor, In...
UM5052DA UNIONSEMI-UM5052DA Datasheet
124Kb / 5P
Single Line Bi-directional ESD Protection Diode Array
UM5052DA UNIONSEMI-UM5052DA_16 Datasheet
154Kb / 5P
Single Line Bi-directional ESD Protection Diode Array
logo
SeCoS Halbleitertechnol...
SD24C SECOS-SD24C Datasheet
328Kb / 3P
ESD Protection (Bi-Directional)
logo
Applied Power Microelec...
AU2521P0 APMICRO-AU2521P0 Datasheet
688Kb / 4P
1-Line Bi-directional 2.5V ESD Protection Diode
AU2521P1 APMICRO-AU2521P1 Datasheet
643Kb / 4P
1-Line Bi-directional 2.5V ESD Protection Diode
AU3321P1 APMICRO-AU3321P1 Datasheet
1Mb / 4P
1-Line Bi-directional 3.3V ESD Protection Diode
logo
Shanghai Leiditech Elec...
NUP2105LT1G LEIDITECH-NUP2105LT1G Datasheet
688Kb / 4P
2-Line Bi-directional ESD Dio de
Rev : 01.08.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com